Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDR5F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDR5F
Description  Drum Core Inductors - Radial Leaded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDR5F Datasheet(HTML) 1 Page - Central Technologies

  CTDR5F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 07.11.17
Drum Core Inductors - Radial Leaded
www.ctparts.com
CTDR5F
Series
From 1.8µH to 15,000µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance.
K = ±10%, M = ±20%
DCR
Current
Rated
Wire Dia.
Dimension
Part
Inductance
Max.
Saturating
Current
Ref.
(D)
Number
(µH)
(Ω)
DC (Amps)
(Amps)
(inches)
(inches)
CTDR5F-1R8M
1.8
.002
155.0
35.0
0.105
1.11
CTDR5F-2R2M
2.2
.002
155.0
35.0
0.105
1.11
CTDR5F-2R7M
2.7
.002
125.0
35.0
0.105
1.11
CTDR5F-3R3M
3.3
.002
125.0
35.0
0.105
1.11
CTDR5F-3R9M
3.9
.003
102.0
35.0
0.105
1.11
CTDR5F-4R7M
4.7
.003
87.0
35.0
0.105
1.11
CTDR5F-5R6M
5.6
.003
87.0
35.0
0.105
1.11
CTDR5F-6R8M
6.8
.003
87.0
35.0
0.105
1.11
CTDR5F-8R2M
8.2
.003
76.0
35.0
0.105
1.11
CTDR5F-100K
10
.004
67.0
35.0
0.105
1.11
CTDR5F-120K
12
.004
60.0
35.0
0.105
1.16
CTDR5F-150K
15
.005
49.0
35.0
0.105
1.16
CTDR5F-180K
18
.007
45.0
27.0
0.094
1.16
CTDR5F-220K
22
.007
42.0
27.0
0.094
1.16
CTDR5F-270K
27
.008
35.0
27.0
0.094
1.16
CTDR5F-330K
33
.009
34.0
27.0
0.094
1.16
CTDR5F-390K
39
.010
30.0
27.0
0.094
1.16
CTDR5F-470K
47
.011
28.0
27.0
0.094
1.16
CTDR5F-560K
56
.013
26.0
21.0
0.084
1.16
CTDR5F-680K
68
.015
23.0
21.0
0.084
1.25
CTDR5F-820K
82
.017
20.0
21.0
0.084
1.28
CTDR5F-101K
100
.018
19.0
21.0
0.084
1.25
CTDR5F-121K
120
.022
18.0
17.0
0.075
1.16
CTDR5F-151K
150
.025
16.0
17.0
0.075
1.16
CTDR5F-181K
180
.035
14.0
13.5
0.068
1.10
CTDR5F-221K
220
.040
13.0
13.5
0.068
1.10
CTDR5F-271K
270
.044
11.0
13.5
0.068
1.10
CTDR5F-331K
330
.049
10.0
13.5
0.068
1.11
CTDR5F-391K
390
.070
9.7
11.4
0.060
1.15
CTDR5F-471K
470
.078
8.8
11.4
0.060
1.07
CTDR5F-561K
560
.105
8.1
9.0
0.054
1.07
CTDR5F-681K
680
.115
7.4
9.0
0.054
1.07
CTDR5F-821K
820
.127
6.7
9.0
0.054
1.12
CTDR5F-102K
1000
.176
6.1
7.2
0.048
1.12
CTDR5F-122K
1200
.195
5.5
7.2
0.048
1.12
CTDR5F-152K
1500
.274
5.0
5.5
0.043
1.12
CTDR5F-182K
1800
.302
4.5
5.5
0.043
1.13
CTDR5F-222K
2200
.338
4.1
5.5
0.043
1.16
CTDR5F-272K
2700
.459
3.7
4.5
0.039
1.02
CTDR5F-332K
3300
.642
3.4
4.0
0.035
1.02
CTDR5F-392K
3900
.699
3.0
4.0
0.035
1.14
CTDR5F-472K
4700
.775
2.8
4.0
0.035
1.14
CTDR5F-562K
5600
.843
2.6
4.0
0.035
1.14
CTDR5F-682K
6800
1.15
2.3
2.8
0.031
1.06
CTDR5F-822K
8200
1.26
2.1
2.8
0.031
1.16
CTDR5F-103K
10000
1.74
1.9
2.0
0.028
1.13
CTDR5F-123K
12000
1.92
1.7
2.0
0.028
1.13
CTDR5F-153K
15000
2.17
1.5
2.0
0.028
1.13
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Radial leaded drum core
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters
Operating Temperature: -55°C to +125°C
Saturated Current: Lowers inductance by 5%
Testing: Inductance and DCR are tested on an HP4263A at
1kHz
Packaging: Bulk
Sleeving: UL-VW-1 sleeving
Hi Pot Voltage Test: 500V from lead wire to core
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
Max.
Max.
Min.
36.8
38.1
12.7
1.45
1.50
0.50
Size
mm
inches
A
C
B
D
Clearance hole for
8/32 screw with washer


Similar Part No. - CTDR5F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-101 CT-CTDR0904F-101 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-102 CT-CTDR0904F-102 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-110 CT-CTDR0904F-110 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-250 CT-CTDR0904F-250 Datasheet
223Kb / 2P
Data Line Chokes
More results

Similar Description - CTDR5F

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
Radial Drum Core Inductors
logo
Eaton All Rights Reserv...
RL1011 EATON-RL1011 Datasheet
578Kb / 4P
Unshielded radial leaded drum core inductors
RL0607 EATON-RL0607 Datasheet
768Kb / 4P
Unshielded radial leaded drum core inductors
RL0809 EATON-RL0809 Datasheet
840Kb / 4P
Unshielded radial leaded drum core inductors
RL1218 EATON-RL1218 Datasheet
770Kb / 4P
Unshielded radial leaded drum core inductors
logo
Central Technologies
CTDR6F CT-CTDR6F Datasheet
143Kb / 1P
Drum Core Inductors - Radial Leaded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com