Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTEP105SF Datasheet(PDF) 1 Page - Central Technologies

Part # CTEP105SF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTEP105SF Datasheet(HTML) 1 Page - Central Technologies

  CTEP105SF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.12.12
Power Inductors - Shielded
www.ctparts.com
CTEP105SF
Series
From 0.22 µH to 5.0 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
M = ±20%, N = ±30%
L Test
DCR
Temp. Rise
Part
Inductance
Freq.
Max.
Current Typ.
Number
(µH)
(KHz)
(mΩ)
(A)
CTEP105SF-0R2N
0.22
100
1.7
19.0
CTEP105SF-0R4M
0.45
100
2.4
17.7
CTEP105SF-0R8M
0.80
100
4.1
13.0
CTEP105SF-1R3M
1.3
100
5.3
11.2
CTEP105SF-1R8M
1.8
100
7.5
9.0
CTEP105SF-2R5M
2.5
100
10.5
7.8
CTEP105SF-3R2M
3.2
100
12.4
7.4
CTEP105SF-4R0M
4.0
100
18.0
6.2
CTEP105SF-5R0M
5.0
100
23.8
4.9
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Shielded Power Inductor.
Applications: LCD Television sets, Notebooks, PCs, Portable
Communication equipment, DC/DC Converters, etc.
Operating Temperature: -40°C to +125°C
Temp. Rise Current: The actual current when temperature of coil
becomes DT=40°C (Ta=20°C)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4285A at 100KHz,
0.25Vrms, 0Adc.
Packaging: Tape and Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
D
C
B
E F
G
H
J
H
11.0
3.8 2.9
2.0
A
B
C
D
E
F
G
H
J
Max.
Max.
Max.
10.4
10.4
5.6
5.5
2.9
3.8
1.4
2.6
5.5
0.409
0.409
0.22
0.217
0.114
0.150
0.055
0.102
0.217
Size
mm
inches
Unit: mm


Similar Part No. - CTEP105SF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTEP105SF-0R2N CT-CTEP105SF-0R2N Datasheet
162Kb / 1P
Power Inductors - Shielded
CTEP105SF-0R4M CT-CTEP105SF-0R4M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTEP105SF-0R8M CT-CTEP105SF-0R8M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTEP105SF-1R3M CT-CTEP105SF-1R3M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTEP105SF-1R8M CT-CTEP105SF-1R8M Datasheet
162Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTEP105SF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com