Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTGS32F-151K Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS32F-151K
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS32F-151K Datasheet(HTML) 1 Page - Central Technologies

  CTGS32F-151K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.19.12
Power Inductors - Unshielded
www.ctparts.com
CTGS32F
Series
From 1.0 µH to 1200 µH
SPECIFICATIONS
Part numbers indicate available tolerance.
K= ±10%, M = ±20%
Inductance
SRF
RDC
Irms Max.
Isat Typ.
Part
@100kHz
Q
Typ.
Max.
DT=40°C
DL/L0A=10%
Number
(µH)
Ref.
(MHz)
(W)
(A)
(A)
CTGS32F-1R0M
1.0
20@7.96MHz
125
0.06
2.100
2.700
CTGS32F-1R2M
1.2
22@7.96MHz
100
0.07
2.000
2.500
CTGS32F-1R5M
1.5
23@7.96MHz
95
0.07
1.900
2.300
CTGS32F-1R8M
1.8
23@7.96MHz
85
0.08
1.800
2.000
CTGS32F-2R2M
2.2
22@7.96MHz
75
0.09
1.650
1.850
CTGS32F-2R7M
2.7
22@7.96MHz
72
0.10
1.500
1.700
CTGS32F-3R3M
3.3
23@7.96MHz
68
0.11
1.400
1.600
CTGS32F-3R9M
3.9
24@7.96MHz
50
0.12
1.300
1.500
CTGS32F-4R7M
4.7
18@7.96MHz
45
0.15
1.200
1.350
CTGS32F-5R6M
5.6
18@7.96MHz
42
0.16
1.100
1.300
CTGS32F-6R8M
6.8
18@7.96MHz
40
0.18
1.000
1.200
CTGS32F-8R2M
8.2
16@7.96MHz
35
0.20
0.900
1.050
CTGS32F-100M
10
18@2.52MHz
34
0.25
0.800
0.900
CTGS32F-120M
12
15@2.52MHz
33
0.28
0.750
0.850
CTGS32F-150M
15
20@2.52MHz
32
0.40
0.650
0.800
CTGS32F-180M
18
18@2.52MHz
28
0.46
0.580
0.750
CTGS32F-220M
22
23@2.52MHz
22
0.66
0.520
0.650
CTGS32F-270M
27
23@2.52MHz
20
0.75
0.480
0.550
CTGS32F-330K
33
20@2.52MHz
18
0.85
0.420
0.500
CTGS32F-390K
39
24@2.52MHz
18
1.12
0.380
0.450
CTGS32F-470K
47
23@2.52MHz
17
1.27
0.360
0.400
CTGS32F-560K
56
18@2.52MHz
16
1.45
0.340
0.350
CTGS32F-680K
68
24@2.52MHz
14
1.85
0.300
0.320
CTGS32F-820K
82
24@2.52MHz
12
2.10
0.280
0.300
CTGS32F-101K
100
40@0.796MHz
10
2.85
0.260
0.280
CTGS32F-121K
120
40@0.796MHz
10
3.20
0.220
0.250
CTGS32F-151K
150
38@0.796MHz
9.0
4.60
0.200
0.230
CTGS32F-181K
180
45@0.796MHz
8.5
5.00
0.185
0.210
CTGS32F-221K
220
40@0.796MHz
8.0
5.70
0.170
0.190
CTGS32F-271K
270
45@0.796MHz
7.0
8.60
0.150
0.170
CTGS32F-331K
330
40@0.796MHz
6.0
10.00
0.130
0.150
CTGS32F-391K
390
40@0.796MHz
5.5
10.80
0.120
0.140
CTGS32F-471K
470
42@0.796MHz
5.0
14.30
0.105
0.130
CTGS32F-561K
560
43@0.796MHz
4.8
16.00
0.095
0.120
CTGS32F-681K
680
43@0.796MHz
4.3
18.00
0.085
0.110
CTGS32F-821K
820
45@0.796MHz
4.0
22.50
0.080
0.100
CTGS32F-102K
1000
40@0.252MHz
3.2
26.00
0.070
0.090
CTGS32F-122K
1200
40@0.252MHz
3.0
30.00
0.060
0.080
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor.
Applications: VTR power supplies, OA equipment, LCD televi-
sions, PC notebooks, portable communication equipment, DC/DC
converters.
Operating Temperature: -40°C to +105°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4285A at specified
frequency.
Packaging: Tape & Reel.
Marking: Marked with inductance code.
Rated Current: Based on temp. rise & DL/L0A=10% Max.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
Marking
XXX
3.0
(0.118)
3.6
(0.142)
1.4
(0.055)
0.8 (0.031)
A
B
C
D
Typ.
3.0±0.3
2.8±0.3
2.5±0.3
0.9
0.12±0.012
0.11±0.012
0.10±0.012
0.04
Size
mm
inches
Unit: mm(inch)


Similar Part No. - CTGS32F-151K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS32F-151K CT-CTGS32F-151K Datasheet
164Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS32F-151K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS43F CT-CTGS43F Datasheet
331Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com