Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB566 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB566
Description  OEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB566 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB566 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
无锡固电半导体股份有限公司
最终检验报告
单位:只
顾客名称
111-211110C
产品型号
2SB566
生产批号
202146
出货数量
4000`
质量等级
OEM
一、产品外观检验 依据 GB2828.1-2012 一般检查 II 水平,AQL=0.65
抽检数量:
200
外观检验项目:
检验项目
不合格数
检验项目
不合格数
检验项目
不合格数
外观检验结论:合格
塑封体缺陷
0
管脚未电镀
0
打印错误
0
散热片损伤
0
引线框氧化
0
标签错误
0
毛刺、露铜
0
打印漏打
0
包装数量
0
管脚弯曲
0
字迹模糊
0
其他项目
0
二、产品电性能检验
GB2828.1-2012 一般检查 II 水平,AQL=0.065
抽检数量:
200
抽测数据:
序号
Vebo(V)
Ic=1mA
Vceo(V)
Ic=30mA
Vcbo(V)
Ic=1mA
hFE
Ic=1A,Vce=4V
Vce(sat)
Ic=2A,Ib=0.2A
标准
>5V
>50V
>70V
200-350
< 1000mV
1
23.13
66.64
129.4
266.7
75.99
2
23.19
93.18
149
259.1
88.92
3
23.06
89.82
76.98
261.9
133.3
4
23.14
92.96
143.6
259
115.1
5
23.12
98.29
75.98
255.4
132
6
23.09
90.63
128.9
257
109.2
7
23.13
96.29
129.1
255.8
109
8
23.75
94.07
159.3
261.7
96.25
9
23.09
99.88
43.57
253.1
105.5
10
23.15
100.5
51.42
251.3
103.7
11
23.07
91.35
63.74
257.5
98.08
12
23.76
94.59
125.7
269.2
93.04
13
23.72
95.43
163.5
261.7
112.6
14
23.78
92.95
127.1
271.2
110.8
15
23.79
91.93
157.6
263.1
82.51
16
23.72
85.59
131.7
265.9
100.5
17
23.7
93.99
140.1
268.2
115.1
18
23.75
93.67
157.3
267.8
112.7
19
23.7
76.92
150.1
274.6
83.09
20
23.68
66.64
129.4
266.7
75.99
电性能检验结果:
合格
最终检验结论:
合格
检验员: 潘利达
检验日期:2021.11.142
审核:易琼红


Similar Part No. - 2SB566

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB566 HITACHI-2SB566 Datasheet
33Kb / 6P
Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SB566 ETC1-2SB566 Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
Renesas Technology Corp
2SB566 RENESAS-2SB566 Datasheet
147Kb / 7P
Silicon PNP Triple Diffused
logo
Savantic, Inc.
2SB566 SAVANTIC-2SB566 Datasheet
128Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB566 JMNIC-2SB566 Datasheet
263Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SB566

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-21 ETC2-BT-21 Datasheet
341Kb / 12P
Bluetooth OEM Module
GHI-ALFATOEM-337 ETC2-GHI-ALFATOEM-337 Datasheet
57Kb / 1P
ALFAT OEM Board
PICASO-OGM ETC-PICASO-OGM Datasheet
2Mb / 22P
OEM Graphics Module
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
OEM Product Manual
logo
Murata Manufacturing Co...
WIT910SDK MURATA-WIT910SDK Datasheet
145Kb / 1P
OEM Module Developer
logo
List of Unclassifed Man...
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
ZigBee OEM module
ZE20S ETC-ZE20S Datasheet
509Kb / 2P
Zigbe oem module
CMD-KEY#-315 ETC2-CMD-KEY#-315 Datasheet
195Kb / 5P
OEM KEYFOB TRANSMITTER
logo
Phihong USA Inc.
PDA030A-2A1B PHIHONG-PDA030A-2A1B Datasheet
3Mb / 28P
OEM Lighting Solutions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com