Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTGS43F Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS43F
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS43F Datasheet(HTML) 1 Page - Central Technologies

  CTGS43F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.20.12
Power Inductors - Unshielded
www.ctparts.com
CTGS43F
Series
From 1.0 µH to 68 µH
SPECIFICATIONS
Parts are marked to indicate tolerance available.
K = ±10%, M = ±20%
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(MHz)
(W)
(A)
CTGS43F-1R0M
1.0
7.96
0.033
3.80
CTGS43F-1R4M
1.4
7.96
0.038
3.30
CTGS43F-1R8M
1.8
7.96
0.042
2.91
CTGS43F-2R2M
2.2
7.96
0.047
2.60
CTGS43F-2R7M
2.7
7.96
0.052
2.43
CTGS43F-3R3M
3.3
7.96
0.058
2.15
CTGS43F-3R9M
3.9
7.96
0.076
1.98
CTGS43F-4R7M
4.7
7.96
0.094
1.70
CTGS43F-5R6M
5.6
7.96
0.101
1.60
CTGS43F-6R8M
6.8
7.96
0.117
1.41
CTGS43F-8R2M
8.2
7.96
0.132
1.26
CTGS43F-100M
10
2.52
0.182
1.15
CTGS43F-120M
12
2.52
0.210
1.05
CTGS43F-150M
15
2.52
0.235
0.92
CTGS43F-180M
18
2.52
0.338
0.84
CTGS43F-220M
22
2.52
0.378
0.76
CTGS43F-270M
27
2.52
0.522
0.71
CTGS43F-330K
33
2.52
0.540
0.64
CTGS43F-390K
39
2.52
0.587
0.59
CTGS43F-470K
47
2.52
0.844
0.54
CTGS43F-560K
56
2.52
0.937
0.50
CTGS43F-680K
68
2.52
1.117
0.46
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor.
Applications: VTR power supplies, OA equipment, LCD televi-
sions, PC notebooks, portable communication equipment, DC/DC
converters.
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4285A at specified
frequency.
Packaging: Tape & Reel.
Marking: Marked with inductance code.
Rated DC: The value of current when the inductance is 10%
lower than its initial value at 0 Adc or D.C. current when at
DT = 40°C whichever is lower.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
A
Marking
C
D
5.0
(0.200)
4.5
(0.177)
1.75
(0.068)
1.5 (0.059)
A
B
C
D
Typ.
4.5±0.3
4.0±0.3
3.2±0.3
1.2
0.18±0.012
0.16±0.012
0.13±0.012
0.05
Size
mm
inches
Unit: mm(inch)
ENGINEERING KIT #7


Similar Part No. - CTGS43F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS43F-100M CT-CTGS43F-100M Datasheet
190Kb / 1P
Power Inductors - Unshielded
CTGS43F-120M CT-CTGS43F-120M Datasheet
190Kb / 1P
Power Inductors - Unshielded
CTGS43F-150M CT-CTGS43F-150M Datasheet
190Kb / 1P
Power Inductors - Unshielded
CTGS43F-180M CT-CTGS43F-180M Datasheet
190Kb / 1P
Power Inductors - Unshielded
CTGS43F-1R0M CT-CTGS43F-1R0M Datasheet
190Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS43F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com