Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH8HCF Datasheet(PDF) 1 Page - Central Technologies

Part # CTH8HCF
Description  Power Line Chokes - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTH8HCF Datasheet(HTML) 1 Page - Central Technologies

  CTH8HCF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.20.14
Power Line Chokes - Axial
www.ctparts.com
CTH8HCF
Series
From 3.9µH to 150,000µH
SPECIFICATIONS
Parts are available in ±10% inductance tolerance only.
L Test
DCR
Isat
Part
Inductance
Freq.
(
Ω)
(A)
Irms
Number
(µH)
(KHz)
Max.
Max.
(A)
CTH8HCF-3R9K
3.9
1.0
0.007
47.000
6.000
CTH8HCF-4R7K
4.7
1.0
0.008
42.000
6.000
CTH8HCF-5R6K
5.6
1.0
0.009
35.000
6.000
CTH8HCF-6R8K
6.8
1.0
0.010
29.000
6.000
CTH8HCF-8R2K
8.2
1.0
0.011
24.000
6.000
CTH8HCF-100K
10
1.0
0.012
19.000
6.000
CTH8HCF-120K
12
1.0
0.013
16.000
6.000
CTH8HCF-150K
15
1.0
0.014
14.800
6.000
CTH8HCF-180K
18
1.0
0.015
13.400
6.000
CTH8HCF-220K
22
1.0
0.016
12.400
6.000
CTH8HCF-270K
27
1.0
0.017
11.200
6.000
CTH8HCF-330K
33
1.0
0.021
10.200
6.000
CTH8HCF-390K
39
1.0
0.023
9.300
6.000
CTH8HCF-470K
47
1.0
0.025
8.700
6.000
CTH8HCF-560K
56
1.0
0.028
8.000
6.000
CTH8HCF-680K
68
1.0
0.039
7.000
4.700
CTH8HCF-820K
82
1.0
0.043
6.300
4.700
CTH8HCF-101K
100
1.0
0.055
5.700
3.800
CTH8HCF-121K
120
1.0
0.076
5.300
3.000
CTH8HCF-151K
150
1.0
0.084
4.700
3.000
CTH8HCF-181K
180
1.0
0.096
4.300
3.000
CTH8HCF-221K
220
1.0
0.108
4.000
3.000
CTH8HCF-271K
270
1.0
0.151
3.600
2.300
CTH8HCF-331K
330
1.0
0.168
3.200
2.300
CTH8HCF-391K
390
1.0
0.182
2.900
2.300
CTH8HCF-471K
470
1.0
0.202
2.600
2.300
CTH8HCF-561K
560
1.0
0.348
2.400
1.400
CTH8HCF-681K
680
1.0
0.470
2.200
1.200
CTH8HCF-821K
820
1.0
0.500
2.000
1.200
CTH8HCF-102K
1000
1.0
0.570
1.800
1.200
CTH8HCF-122K
1200
1.0
0.648
1.700
1.200
CTH8HCF-152K
1500
1.0
0.888
1.550
0.900
CTH8HCF-182K
1800
1.0
1.16
1.400
0.750
CTH8HCF-222K
2200
1.0
1.20
1.250
0.750
CTH8HCF-272K
2700
1.0
1.44
1.100
0.750
CTH8HCF-332K
3300
1.0
1.92
1.000
0.590
CTH8HCF-392K
3900
1.0
2.16
0.900
0.590
CTH8HCF-472K
4700
1.0
2.50
0.850
0.590
CTH8HCF-562K
5600
1.0
3.20
0.780
0.450
CTH8HCF-682K
6800
1.0
4.00
0.700
0.450
CTH8HCF-822K
8200
1.0
5.20
0.650
0.350
CTH8HCF-103K
10000
1.0
6.0
0.600
0.350
CTH8HCF-123K
12000
1.0
8.0
0.540
0.270
CTH8HCF-153K
15000
1.0
10.0
0.480
0.200
CTH8HCF-183K
18000
1.0
11.0
0.460
0.200
CTH8HCF-223K
22000
1.0
13.0
0.390
0.200
CTH8HCF-273K
27000
1.0
15.0
0.355
0.200
CTH8HCF-333K
33000
1.0
21.0
0.330
0.160
CTH8HCF-393K
39000
1.0
23.2
0.300
0.160
CTH8HCF-473K
47000
1.0
32.0
0.270
0.120
CTH8HCF-563K
56000
1.0
35.0
0.175
0.120
CTH8HCF-683K
68000
1.0
48.0
0.145
0.095
CTH8HCF-823K
82000
1.0
54.3
0.120
0.095
CTH8HCF-104K
100000
1.0
68.5
0.100
0.070
CTH8HCF-124K
120000
1.0
75.0
0.080
0.070
CTH8HCF-154K
150000
1.0
84.3
0.060
0.070
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Axial leaded power line inductor (UL sleeved).
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and TRIAC controls, speaker crossover
networks and filters.
Operating Temperature: -55°C to +125°C
Isat: DC current that will cause inductance to drop by 5%.
Irms: Based on the inductance change within 10% of initial value
and temperature rise of initial value less than 30°C within coil
body.
Inductance Tolerance: ±10%
Testing: Inductance is tested on an HP4284A at 1KHz.
Packaging: Tape & reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
A
XXXX
20AWG
B
C
A
B
C
Max.
Max.
Nom.
25.4
13.97
29.21
1.00
0.55
1.15
Size
mm
inches
CTH8HCF-100K
10
1.0
0.012
19.000
6.000
CTH8HCF-120K
12
1.0
0.013
16.000
6.000
CTH8HCF-150K
15
1.0
0.014
14.800
6.000
CTH8HCF-180K
18
1.0
0.015
13.400
6.000
CTH8HCF-220K
22
1.0
0.016
12.400
6.000
CTH8HCF-270K
27
1.0
0.017
11.200
6.000
CTH8HCF-330K
33
1.0
0.021
10.200
6.000
CTH8HCF-390K
39
1.0
0.023
9.300
6.000
CTH8HCF-470K
47
1.0
0.025
8.700
6.000
CTH8HCF-560K
56
1.0
0.028
8.000
6.000
CTH8HCF-680K
68
1.0
0.039
7.000
4.700
CTH8HCF-820K
82
1.0
0.043
6.300
4.700
CTH8HCF-102K
1000
1.0
0.570
1.800
1.200
CTH8HCF-122K
1200
1.0
0.648
1.700
1.200
CTH8HCF-152K
1500
1.0
0.888
1.550
0.900
CTH8HCF-182K
1800
1.0
1.16
1.400
0.750
CTH8HCF-222K
2200
1.0
1.20
1.250
0.750
CTH8HCF-272K
2700
1.0
1.44
1.100
0.750
CTH8HCF-332K
3300
1.0
1.92
1.000
0.590
CTH8HCF-392K
3900
1.0
2.16
0.900
0.590
CTH8HCF-472K
4700
1.0
2.50
0.850
0.590
CTH8HCF-562K
5600
1.0
3.20
0.780
0.450
CTH8HCF-682K
6800
1.0
4.00
0.700
0.450
CTH8HCF-822K
8200
1.0
5.20
0.650
0.350
CTH8HCF-104K
100000
1.0
68.5
0.100
0.070
CTH8HCF-124K
120000
1.0
75.0
0.080
0.070
CTH8HCF-154K
150000
1.0
84.3
0.060
0.070


Similar Part No. - CTH8HCF

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH8003PS-T52 CTMICRO-CTH8003PS-T52 Datasheet
768Kb / 11P
P-Channel Enhancement MOSFET
logo
PANDUIT CORP.
CTH87U22-C30 PANDUIT-CTH87U22-C30 Datasheet
112Kb / 1P
Corrugated Tubing Holder with Push Mount
logo
Central Technologies
CTH8F CT-CTH8F Datasheet
176Kb / 1P
Power Line Chokes - Axial
CTH8F-100K CT-CTH8F-100K Datasheet
176Kb / 1P
Power Line Chokes - Axial
CTH8F-101K CT-CTH8F-101K Datasheet
176Kb / 1P
Power Line Chokes - Axial
More results

Similar Description - CTH8HCF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH6F CT-CTH6F Datasheet
162Kb / 1P
Power Line Chokes - Axial
CTH7F CT-CTH7F Datasheet
179Kb / 1P
Power Line Chokes - Axial
CTH7VF CT-CTH7VF Datasheet
172Kb / 1P
Power Line Chokes - Axial
CTH8F CT-CTH8F Datasheet
176Kb / 1P
Power Line Chokes - Axial
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
Power Line Chokes - Axial
CTH9F CT-CTH9F Datasheet
167Kb / 1P
Power Line Chokes - Axial
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
Axial Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com