Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTHCCI8070F-R30M Datasheet(PDF) 1 Page - Central Technologies

Part # CTHCCI8070F-R30M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHCCI8070F-R30M Datasheet(HTML) 1 Page - Central Technologies

  CTHCCI8070F-R30M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.07.18
Power Inductors - Shielded
www.ctparts.com
CTHCCI8070F
Series
From .30µH to 3.3µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
*Isat for inductance drop 20% from its value without current.
**Irms for 40°C temperature rise from 25°C ambient with current.
Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
Max.
Max.
Max.
Number
(µH)
(kHz)
(mΩ)
(A)
(A)
Marking
CTHCCI8070F-R30M
0.30
100
2.7
27
16
R30
CTHCCI8070F-R47M
0.47
100
3.1
25
15
R47
CTHCCI8070F-R56M
0.56
100
3.1
20
15
R56
CTHCCI8070F-R68M
0.68
100
3.1
17
15
R68
CTHCCI8070F-1R0M
1.0
100
4.3
15
13
1R0
CTHCCI8070F-1R5M
1.5
100
6.2
11
10
1R5
CTHCCI8070F-2R2M
2.2
100
6.2
8
10
2R2
CTHCCI8070F-3R3M
3.3
100
9.0
5
8
3R3
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD shielded power inductors
Applications: Graphic card, PC’s, servers, and a variety of
DC/DC converter applications
Operating Temperature: -40°C to +125°C (including
self-temperature rise)
Inductance Tolerance: ±20%
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
XXX
A
B
C
D
E
A
B
C
D
E
Max.
Max.
Max.
8.8
8.4
7.5
2.3±0.2
1.5±0.2
0.346
0.331
0.295
0.091±0.008
0.059±0.008
Size
mm
inches
PAD LAYOUT
9.2
4.4
3.0
2.3


Similar Part No. - CTHCCI8070F-R30M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHCCI1090F CT-CTHCCI1090F Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-100M CT-CTHCCI1090F-100M Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-1R0M CT-CTHCCI1090F-1R0M Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-1R5M CT-CTHCCI1090F-1R5M Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-2R2M CT-CTHCCI1090F-2R2M Datasheet
128Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTHCCI8070F-R30M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com