Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTHCCI1210F-R47M Datasheet(PDF) 1 Page - Central Technologies

Part # CTHCCI1210F-R47M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHCCI1210F-R47M Datasheet(HTML) 1 Page - Central Technologies

  CTHCCI1210F-R47M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.07.18
Power Inductors - Shielded
www.ctparts.com
CTHCCI1210F
Series
From .22µH to 10µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
*Isat for inductance drop 20% from its value without current.
**Irms for 40°C temperature rise from 25°C ambient with current.
Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
Max.
Max.
Max.
Number
(µH)
(kHz)
(mΩ)
(A)
(A)
Marking
CTHCCI1210F-R22M
0.22
100
1.5
55
37
R22
CTHCCI1210F-R33M
0.33
100
1.5
45
37
R33
CTHCCI1210F-R47M
0.47
100
1.8
45
35
R47
CTHCCI1210F-R56M
0.56
100
1.8
35
35
R56
CTHCCI1210F-R68M
0.68
100
1.8
33
35
R68
CTHCCI1210F-R82M
0.82
100
2.4
31
30
R82
CTHCCI1210F-1R0M
1.0
100
2.4
28
30
1R0
CTHCCI1210F-1R5M
1.5
100
3.5
24
25
1R5
CTHCCI1210F-2R2M
2.2
100
4.7
18
21
2R2
CTHCCI1210F-3R3M
3.3
100
6.3
14
15
3R3
CTHCCI1210F-4R7M
4.7
100
8.8
11
12
4R7
CTHCCI1210F-6R8M
6.8
100
12.5
9
10
6R8
CTHCCI1210F-8R2M
8.2
100
13.0
7
9
8R2
CTHCCI1210F-100M
10
100
18.7
6
8
100
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD shielded power inductors
Applications: Graphic card, PC’s, servers, and a variety of
DC/DC converter applications
Operating Temperature: -40°C to +125°C (including
self-temperature rise)
Inductance Tolerance: ±20%
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
XXX
A
B
C
D
E
A
B
C
D
E
Max.
Max.
Max.
12.3
11.7
10.0
3.5±0.2
2.0±0.2
0.484
0.461
0.394
0.138±0.008
0.079±0.008
Size
mm
inches
PAD LAYOUT
12.8
7.0
5.4
2.9


Similar Part No. - CTHCCI1210F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHCCI1090F CT-CTHCCI1090F Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-100M CT-CTHCCI1090F-100M Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-1R0M CT-CTHCCI1090F-1R0M Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-1R5M CT-CTHCCI1090F-1R5M Datasheet
128Kb / 1P
Power Inductors - Shielded
CTHCCI1090F-2R2M CT-CTHCCI1090F-2R2M Datasheet
128Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTHCCI1210F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com