Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTHSC1008F Datasheet(PDF) 1 Page - Central Technologies

Part # CTHSC1008F
Description  Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHSC1008F Datasheet(HTML) 1 Page - Central Technologies

  CTHSC1008F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.30.15
Power Inductors
www.ctparts.com
CTHSC1008F
Series
From 0.15µH to 0.40µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance.
K = ±10%, L = ±15%
L Test
DCR
Isat
Irms
Part
Inductance
Freq.
±6%
Max.
Max.
Number
(µH)
(kHz)
(mΩ)
(A)
(A)
CTHSC1008F-R15K
0.15
100
0.29
76
56
CTHSC1008F-R17K
0.17
100
0.29
66
56
CTHSC1008F-R22K
0.22
100
0.29
50
56
CTHSC1008F-R27K
0.27
100
0.29
40
56
CTHSC1008F-R30K
0.30
100
0.29
35
56
CTHSC1008F-R40L
0.40
100
0.29
25
56
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductors
Applications: Voltage regulator modules (VRMs) for servers and
microprocessors, High frequency switching power supplies, etc.
Features:
Designed for high speed, high current switch mode
•
applications requiring lower inductance.
Gapped ferrite cores for maximum efficiency.
•
Operating Temperature: -40°C to 125°C (including
self - temperature rise)
Inductance Tolerances: ±10%, ±15%
OCL Testing: 100kHz, 0.25Vrms, 0Adc and Isat at 20°C
Note: DC current for an approximate DT of 40°C without core
loss. Derating is necessary for AC currents. PCB layout, trace
thickness and width, airflow, and proximity of other heat
generating components will affect the temperature rise. It is
recommended that the temperature of the part not exceed 155°C
under worst case operating conditions verified in the end
application.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
E
D
C
XXX
XXXX
DCR is measured
at these points.
4.7
2.5
3.0
Size
mm
inches
Unit: mm
A
B
C
D
E
Max.
10.2±0.2
8.0
7.3±0.2
2.2±0.2
2.54±0.5
0.402±0.008
0.315
0.287±0.008
0.087±0.008
0.100±0.020


Similar Part No. - CTHSC1008F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHSC1107F CT-CTHSC1107F Datasheet
442Kb / 1P
Power Inductors
CTHSC1107F-R12L CT-CTHSC1107F-R12L Datasheet
442Kb / 1P
Power Inductors
CTHSC1107F-R18L CT-CTHSC1107F-R18L Datasheet
442Kb / 1P
Power Inductors
CTHSC1107F-R22L CT-CTHSC1107F-R22L Datasheet
442Kb / 1P
Power Inductors
CTHSC1107F-R33L CT-CTHSC1107F-R33L Datasheet
442Kb / 1P
Power Inductors
More results

Similar Description - CTHSC1008F

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com