Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP1808AF-R18N Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP1808AF-R18N
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP1808AF-R18N Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP1808AF-R18N Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.25.17
Power Inductors - Shielded
www.ctparts.com
CTIHLP1808AF
Series
From .10µH to 22µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
M = ±20%, N = ±30%
*Irms: Will cause the coil temp. rise approximately
ΔT of 40°C (keep 1 min.)
**Isat: Will cause L0 to drop 20%
DCR
DCR
*Irms
**Isat
Part
Inductance
Typ.
Max.
Typ.
Typ.
Number
(µH)
(mΩ)
(mΩ)
(A)
(A)
CTIHLP1808AF-R10N
0.10
3.2
4.0
12
35
CTIHLP1808AF-R18N
0.18
4.6
5.4
13.5
28
CTIHLP1808AF-R22N
0.22
6.6
7.3
13
24
CTIHLP1808AF-R33M
0.33
7.8
8.6
10
18
CTIHLP1808AF-R36M
0.36
8.7
12
9.0
15
CTIHLP1808AF-R47M
0.47
11.2
14
8.0
12
CTIHLP1808AF-R56M
0.56
13.5
16
7.3
10
CTIHLP1808AF-R68M
0.68
16
19
7
10
CTIHLP1808AF-1R0M
1.0
22
27
5.0
8.5
CTIHLP1808AF-1R2M
1.2
25
30
4.8
7.8
CTIHLP1808AF-1R5M
1.5
34.8
42
4.5
7.0
CTIHLP1808AF-2R2M
2.2
51
61
4.0
6.0
CTIHLP1808AF-3R3M
3.3
69
76
3.5
4.0
CTIHLP1808AF-4R7M
4.7
95
105
2.6
3.5
CTIHLP1808AF-5R6M
5.6
112
125
2.2
3.0
CTIHLP1808AF-6R8M
6.8
150
172
2.1
2.8
CTIHLP1808AF-8R2M
8.2
158
180
2.0
2.5
CTIHLP1808AF-100M
10
215
243
1.8
2.3
CTIHLP1808AF-150M
15
325
374
1.5
1.9
CTIHLP1808AF-220M
22
470
500
1.2
1.4
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD shielded power inductor
Applications: Notebook, desktop, server applications, low
profile, high current power supplies, battery powered devices,
DC/DC converter for Field Programmable Gate Array (FPGA)
Operating Temperature: -40°C to +125°C
Storage Temperature: -40°C to +125°C
Part Temperature (Ambient+Temp. Rise): Should not exceed
125°C under worst case operating conditions
Test Frequency: 100kHz,1.0V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
220
Marking
(Inductance Code)
A
B
C
D
E
4.45±0.25
4.06±0.25
1.8±0.2
0.76±0.30
2.0±0.20
0.18±0.010
0.16±0.010
0.07±0.008
0.03±0.012
0.08±0.008
Size
mm
inches
Unit: mm


Similar Part No. - CTIHLP1808AF-R18N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP1808F CT-CTIHLP1808F Datasheet
87Kb / 1P
Power Inductors - Shielded
CTIHLP1808F-100M CT-CTIHLP1808F-100M Datasheet
87Kb / 1P
Power Inductors - Shielded
CTIHLP1808F-1R0M CT-CTIHLP1808F-1R0M Datasheet
87Kb / 1P
Power Inductors - Shielded
CTIHLP1808F-1R5M CT-CTIHLP1808F-1R5M Datasheet
87Kb / 1P
Power Inductors - Shielded
CTIHLP1808F-2R2M CT-CTIHLP1808F-2R2M Datasheet
87Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP1808AF-R18N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com