Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP2207F-R47M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP2207F-R47M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP2207F-R47M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP2207F-R47M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.10.17
Power Inductors - Shielded
www.ctparts.com
CTIHLP2207F
Series
From 0.47µH to 10µH
SPECIFICATIONS
*Irms: DC current (A) that will cause an approximate DT of 40°C.
**Isat: DC current (A) that will cause L0 to drop approximately 30%.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Number
(µH)
(KHz)
(mΩ)
(A)
(A)
CTIHLP2207F-R47M
0.47
100
9.0(7.7Typ.)
10.5
15.5
CTIHLP2207F-1R0M
1.0
100
17(15Typ.)
8.0
9.0
CTIHLP2207F-2R2M
2.2
100
35(30Typ.)
5.0
6.5
CTIHLP2207F-3R3M
3.3
100
58(52Typ.)
4.5
5.0
CTIHLP2207F-4R7M
4.7
100
85(78Typ.)
3.5
4.0
CTIHLP2207F-6R8M
6.8
100
120(107Typ.)
2.8
3.4
CTIHLP2207F-100M
10
100
155(140Typ.)
2.5
3
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: PDA, Notebook, Desktop, Server applications,
Low profile, high current power supplies, battery powered devices,
DC/DC converter for Field Programmable Gate Array (FPGA).
Operating Temperature: -55°C to +125°C (including
self - temperature rise)
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.5V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
D
E
C
XXX
Marking: Inductance Code
4.1
1.9
Size
mm
inches
Unit: mm
A
B
C
D
E
Max.
5.4±0.35
5.7±0.2
1.8
2.0±0.3
1.5±0.3
0.21±0.014
0.22±0.008
0.07
0.08±0.012
0.06±0.012


Similar Part No. - CTIHLP2207F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP2205F CT-CTIHLP2205F Datasheet
86Kb / 1P
Power Inductors - Shielded
CTIHLP2205F-2R2M CT-CTIHLP2205F-2R2M Datasheet
86Kb / 1P
Power Inductors - Shielded
CTIHLP2205F-6R8M CT-CTIHLP2205F-6R8M Datasheet
86Kb / 1P
Power Inductors - Shielded
CTIHLP2206F CT-CTIHLP2206F Datasheet
88Kb / 1P
Power Inductors - Shielded
CTIHLP2206F-100M CT-CTIHLP2206F-100M Datasheet
88Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP2207F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com