Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350YMP-VAO Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC33M350YMP-VAO
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350YMP-VAO Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC33M350YMP-VAO Datasheet HTML 17Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 18Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 19Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 20Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 21Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 22Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 23Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 24Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 21
MIC33M350
5.0
APPLICATION INFORMATION
5.1
Output Voltage Sensing
To achieve accurate output voltage regulation, the
VOUT pin (internal feedback divider top terminal) should
be Kelvin-connected as close as possible to the point
of regulation top terminal. Since both the internal
reference and the internal feedback divider’s bottom
terminal refer to AGND, it is important to minimize
voltage drops between the AGND and the point of
regulation return terminal (typically the ground terminal
of the output capacitor which is closest to the load).
5.2
Output Capacitor Selection
The type of the output capacitor is usually determined
by its Equivalent Series Resistance (ESR). Voltage and
RMS current capability are two other important factors
for selecting the output capacitor. Recommended
capacitor types are ceramic, low-ESR aluminum
electrolytic, OS-CON, and POSCAP. The output
capacitor’s ESR is usually the main cause of the output
ripple. The output capacitor ESR also affects the
control loop from a stability point of view. The maximum
value of ESR is calculated using Equation 5-1.
EQUATION 5-1:
The peak-to-peak inductor current ripple can be
calculated with the formula in Equation 5-2.
EQUATION 5-2:
The total output ripple is a combination of the ESR and
output capacitance.The total ripple is calculated in
Equation 5-3.
EQUATION 5-3:
The output capacitor RMS current is calculated in
Equation 5-4.
EQUATION 5-4:
The power dissipated in the output capacitor is:
EQUATION 5-5:
5.3
Input Capacitor Selection
The input capacitor for the power stage input VIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors can fail when
subjected to high inrush currents, caused by turning on
the input supply. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage, to maximize reliability. Aluminum electrolytic,
OS–CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
derating. The input voltage ripple depends on the input
capacitor’s ESR. The peak input current is equal to the
peak inductor current, as shown in Equation 5-6.
EQUATION 5-6:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-7:
The power dissipated in the input capacitor is
calculated in Equation 5-8.
EQUATION 5-8:
ESRC
OUT
VOUT PP

ILPP

---------------------------------
Where:
VOUT(PP)
Peak-to-peak output voltage ripple
IL(PP)
Peak-to-peak inductor current ripple
I
L(PP)
VOUT VIN(MAX) VOUT
–

VIN(MAX) fSW
L
----------------------------------------------------------------------------
=
Where:
L = 0.47 µH
VOUT PP

ILPP

COUT fSW
8
-------------------------------------------


 2
ILPP

ESRC
OUT

 2
+
=
Where:
COUT
Output Capacitance Value
fSW
Switching Frequency
IC
OUT RMS

ILPP

12
----------------------
=
PDISS COUT

ICOUT RMS

2
ESRCOUT
=
V
IN
ILPK
 CESR
=
ICIN RMS
 IOUT MAX

D1 D
–

PDISS CIN

ICIN RMS

2
CESR
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com