Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZBY2164 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZBY2164
Description  legend holder 30 x 40 mm with legend 8 x 27 mm with marking AUTO-MAIN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBY2164 Datasheet(HTML) 2 Page - Schneider Electric

  ZBY2164 Datasheet HTML 1Page - Schneider Electric ZBY2164 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit Type of Package 2
BAG
Number of Units in Package 2
10
Package 2 Weight
0.42 oz (12 g)
Package 2 Height
0.59 in (1.5 cm)
Package 2 width
3.94 in (10 cm)
Package 2 Length
3.94 in (10 cm)
Unit Type of Package 3
S01
Number of Units in Package 3
600
Package 3 Weight
33.33 oz (945 g)
Package 3 Height
5.91 in (15 cm)
Package 3 width
5.91 in (15 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP),
which is known to the State of California to cause birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months
2
Nov 18, 2021



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com