Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP5015F-R47M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP5015F-R47M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP5015F-R47M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP5015F-R47M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.09.10
Power Inductors - Shielded
www.ctparts.com
CTIHLP5015F
Series
From .47 µH to 10 µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
*Irms DC current (A) that will cause an approximate DT of 40°C.
**Isat DC current (A) that will cause L0 to drop approximately 30%.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Number
(µH)
(KHz)
(mΩ)
(A)
(A)
CTIHLP5015F-R47M
0.47
200
2.0
32.0
55.0
CTIHLP5015F-R82M
0.82
200
3.0
25.0
44.0
CTIHLP5015F-1R0M
1.00
200
3.3
24.0
40.0
CTIHLP5015F-3R3M
3.30
200
12.0
12.0
22.0
CTIHLP5015F-5R6M
5.60
200
18.0
9.5
16.0
CTIHLP5015F-100M
10.0
200
34.0
7.0
12.0
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS (R47M ~ 1R0M)
PHYSICAL DIMENSIONS (3R3M ~ 100M)
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: PDA, Notebook, Desktop, Server applications,
Low profile, high current power supplies, battery powered devices,
DC/DC converter for Field Programmable Gate Array (FPGA).
Operating Temperature: -55°C to +125°C (The part temperature
(ambient + temp. rise) should not exceed 125°C under worst case
operating conditions. Circuit design, component placement, PWB
trace size and thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be verified in
the end application)
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 200KHz, 0.25V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
XXX
B
F
E
D
C
Marking: Inductance Code
14.5
8.0
A
B
C
D
E
F
Max.
Max.
Max.
Ref.
A
B
C
D
E
F
Max.
Max.
Max.
Ref.
Ref.
14.0
12.9
3.8
3.0±0.5
8.4
2.0±0.5
0.55
0.51
0.15
0.12±0.02
0.33
0.08±0.02
13.8
12.9
3.8
4.7±0.3
8.4
2.4
0.54
0.51
0.15
0.18±0.012
0.33
0.10
Size
mm
inches
Size
mm
inches
Unit: mm
Note: 1R0M Dimension “D” is 4.0±0.5 mm
0.51±0.02 in


Similar Part No. - CTIHLP5015F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP5020F CT-CTIHLP5020F Datasheet
163Kb / 1P
Power Inductors - Shielded
REV 10.29.18
CTIHLP5020F-100M CT-CTIHLP5020F-100M Datasheet
163Kb / 1P
Power Inductors - Shielded
REV 10.29.18
CTIHLP5020F-1R0M CT-CTIHLP5020F-1R0M Datasheet
163Kb / 1P
Power Inductors - Shielded
REV 10.29.18
CTIHLP5020F-1R5M CT-CTIHLP5020F-1R5M Datasheet
163Kb / 1P
Power Inductors - Shielded
REV 10.29.18
CTIHLP5020F-4R7M CT-CTIHLP5020F-4R7M Datasheet
163Kb / 1P
Power Inductors - Shielded
REV 10.29.18
More results

Similar Description - CTIHLP5015F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com