Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLF10GDF Datasheet(PDF) 1 Page - Central Technologies

Part # CTLF10GDF
Description  LAN Filters - 10 Gigabit Ethernet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLF10GDF Datasheet(HTML) 1 Page - Central Technologies

  CTLF10GDF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.07.19
LAN Filters - 10 Gigabit Ethernet
www.ctparts.com
CTLF10GDF
Series
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: 10G Base-T, dual port, 48 pin SMD
Operating Temperature: 0°C to 70°C
Features:
•
Designed for Ethernet 10G Base-T applications
•
Cable interface for isolation and low common mode emissions
•
Compliant with IEEE 802.3an standard for 10G Base-T
Unit: mm Tolerances: Unless otherwise specified, all
tolerances are ±0.25
PHYSICAL DIMENSIONS & PAD LAYOUT
23.46
0.41±0.05
1.02±0.10
12.19
0.91±0.10
0.64
1.02
27.81
23.46
1
24
48
25
48 Surfaces
<0.1
Date Code
PAD
LAYOUT
Part
Number
Turns
Ratio
(±5%)
OCL
(µH Min.)
Crosstalk
(dB Typ.)
Common Mode
Rejection
(dB Typ.)
Common to
Differential Rejection
(dB Typ.)
Hipot
(Vrms)
Insertion Loss
(dB Max.)
Return Loss (PHY-Side)
(dB Min.) @100Ω±15Ω
Return Loss (LINE-Side)
(dB Min.) @100Ω±15Ω
---------- 100KHz/0.1V
1-100
MHz
100-500
MHz
1-100
MHz
100-300
MHz
300-500
MHz
1-100
MHz
100-300
MHz
300-500
MHz
@60Hz
0.1
MHz
1-400
MHz
1
MHz
2-100
MHz
100-500
MHz
1-40
MHz
40-400
MHz
400-500
MHz
CTLF10GDF-001 1CT:1CT
120
-40
-30
-37
-30
-25
-40
-30
-25
1500
-3
-1
-23
-25
-12+21.6log(f/400)
-23
-23+10log(f/40)
-13+30log(f/400)
SCHEMATICS
23
24
26
25
TD8+
TD8-
MX8+
MX8-
T1
T2
T3
T4
T5
T6
T7
T8
4
CT
7
CT
10
CT
13
CT
CT
CT
CT
16
19
22
45 CT
42 CT
39 CT
36 CT
33 CT
30 CT
27 CT
2
1
3
47
48
46
TD1+
CT
TD1-
MX1+
CT
MX1-
5
6
44
43
TD2+
TD2-
MX2+
MX2-
8
9
41
40
TD3+
TD3-
MX3+
MX3-
11
12
38
37
TD4+
TD4-
MX4+
MX4-
14
15
35
34
TD5+
TD5-
MX5+
MX5-
17
18
32
31
TD6+
TD6-
MX6+
MX6-
20
21
29
28
TD7+
TD7-
MX7+
MX7-


Similar Part No. - CTLF10GDF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF-001 CT-CTLF24P1GF-001 Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF-002 CT-CTLF24P1GF-002 Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF CT-CTLF24S1GF Datasheet
313Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF-001 CT-CTLF24S1GF-001 Datasheet
313Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
More results

Similar Description - CTLF10GDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
10 Gigabit Ethernet LAN/WAN PHY
logo
Central Technologies
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF CT-CTLF24S1GF Datasheet
313Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF2R5GF CT-CTLF2R5GF Datasheet
272Kb / 2P
LAN Filters - 2.5 Gigabit Ethernet
REV 01.07.19
CTLF48S1GF CT-CTLF48S1GF Datasheet
600Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF5GF CT-CTLF5GF Datasheet
253Kb / 2P
LAN Filters - 5 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF CT-CTLFPP10GF Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP1GF CT-CTLFPP1GF Datasheet
423Kb / 3P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLFPP2R5GF CT-CTLFPP2R5GF Datasheet
270Kb / 2P
LAN Filters - 2.5 Gigabit Ethernet
REV 01.07.19
CTLFPP5GF CT-CTLFPP5GF Datasheet
256Kb / 2P
LAN Filters - 5 Gigabit Ethernet
REV 01.07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com