Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP2912F-R82M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP2912F-R82M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP2912F-R82M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP2912F-R82M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.10.17
Power Inductors - Shielded
www.ctparts.com
CTIHLP2912F
Series
From 0.1µH to 10µH
SPECIFICATIONS
*Irms: DC current (A) that will cause an approximate DT of 40°C.
**Isat: DC current (A) that will cause L0 to drop approximately 30%.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Number
(µH)
(KHz)
(mΩ)
(A)
(A)
CTIHLP2912F-R10M
0.10
100
1.7(1.5 Typ.)
32.5
60
CTIHLP2912F-R15M
0.15
100
2.5(1.9 Typ.)
30
40
CTIHLP2912F-R22M
0.22
100
3.0(2.5 Typ.)
23
34
CTIHLP2912F-R33M
0.33
100
3.5(3.0 Typ.)
21
25
CTIHLP2912F-R36M
0.36
100
3.9(3.3 Typ.)
20
24
CTIHLP2912F-R47M
0.47
100
4.1(3.5 Typ.)
18
20
CTIHLP2912F-R56M
0.56
100
4.5(3.9 Typ.)
16.5
18
CTIHLP2912F-R68M
0.68
100
5.3(4.8 Typ.)
16
17
CTIHLP2912F-R82M
0.82
100
6.0(5.4 Typ.)
14
16
CTIHLP2912F-1R0M
1.0
100
7.4(6.7 Typ.)
12
15
CTIHLP2912F-1R2M
1.2
100
10(7.8 Typ.)
10
14
CTIHLP2912F-1R5M
1.5
100
12.1(10.6 Typ.)
10
14
CTIHLP2912F-2R2M
2.2
100
15(13.5 Typ.)
8
10
CTIHLP2912F-3R3M
3.3
100
22(18.0 Typ.)
6.5
9.5
CTIHLP2912F-4R7M
4.7
100
33(28.0 Typ.)
5.5
6.5
CTIHLP2912F-5R6M
5.6
100
42(39.0 Typ.)
5.5
6
CTIHLP2912F-6R8M
6.8
100
50(43.9 Typ.)
4.5
6
CTIHLP2912F-8R2M
8.2
100
60(54.0 Typ.)
4.5
6
CTIHLP2912F-100M
10
100
68(62.0 Typ.)
4
5.5
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: PDA, Notebook, Desktop, Server applications,
Low profile, high current power supplies, battery powered devices,
DC/DC converter for Field Programmable Gate Array (FPGA).
Operating Temperature: -55°C to +125°C (including
self - temperature rise)
Inductance Tolerance: ±20%
Testing: Inductance is tested at 100KHz, 0.5V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
D
E
C
Marking: Inductance Code
XXX
6.05
2.35
Size
mm
inches
Unit: mm
A
B
C
D
E
Max.
Max.
Typ.
6.6±0.2
7.3
3.0
2.9
1.6±0.5
0.26±0.008
0.29
0.12
0.11
0.06±0.020


Similar Part No. - CTIHLP2912F-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP2905F CT-CTIHLP2905F Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 10.02.13
CTIHLP2905F-1R0M CT-CTIHLP2905F-1R0M Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 10.02.13
CTIHLP2905F-2R2M CT-CTIHLP2905F-2R2M Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 10.02.13
CTIHLP2905F-3R3M CT-CTIHLP2905F-3R3M Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 10.02.13
CTIHLP2905F-4R7M CT-CTIHLP2905F-4R7M Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 10.02.13
More results

Similar Description - CTIHLP2912F-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com