Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLFAMMF Datasheet(PDF) 1 Page - Central Technologies

Part # CTLFAMMF
Description  LAN Filters - 10/100 Base-Tx
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLFAMMF Datasheet(HTML) 1 Page - Central Technologies

  CTLFAMMF Datasheet HTML 1Page - Central Technologies CTLFAMMF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.07.19
LAN Filters - 10/100 Base-Tx
www.ctparts.com
CTLFAMMF
Series
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: 10/100 Base-T, For auto MDI/MDIX, 40Pin SOIC
Operating Temperature: -40°C to 85°C
Features:
•
Symmetrical TX and RX channels for auto MDI/MDIX capability
•
Compliant with IEEE 802.3u and ANSI X3.263 standards including 350µH
OCL with 8mA bias
•
Designed for reflow soldering at temperatures up to 235°C
Unit: mm Unless otherwise specified, all tolerances are ±0.25
PHYSICAL DIMENSIONS & PAD LAYOUT
0.46±0.05
1.27±0.10
16.26 Max.
24.13
12.70 16.76
1.27
0.76
24.13
28.58 Max.
5.85 Max.
12.50Max.
1.0±0.10
≤0.1
40 Surfaces
PAD
LAYOUT
Date Code
40
21
20
1
Part Number
Insertion
Loss
(dB Max.)
Return Loss
(dB Min.)
Crosstalk
(dB Typ.)
Differential to Common
Mode Rejection
(dB Min.)
Hipot
Vrms
Min.
.1-100
MHz
2-30
MHz
40
MHz
50
MHz
60-80
MHz
1
MHz
30
MHz
60
MHz
100
MHz
1-60
MHz
60-100
MHz
@60Hz
CTLFAMMF-001
-0.5
-18
-14.4
-13.1
-12
-
-
-
-
-
-
1500
CTLFAMMF-002
-1.4
-18
-14.4
-13.1
-12
-55
-45
-40
-33
-37
-25
1500
CTLFAMMF-003
-1.4
-16
-10
-10
-10
-35
-35
-30
-25
-
-
1500
CTLFAMMF-001/-002/-003


Similar Part No. - CTLFAMMF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLF10GDF CT-CTLF10GDF Datasheet
256Kb / 1P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLF10GDF-001 CT-CTLF10GDF-001 Datasheet
256Kb / 1P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF-001 CT-CTLF24P1GF-001 Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF-002 CT-CTLF24P1GF-002 Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
More results

Similar Description - CTLFAMMF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT61011 BOURNS-PT61011 Datasheet
222Kb / 1P
LAN 10/100 Base-Tx
PT61018 BOURNS-PT61018 Datasheet
225Kb / 1P
LAN 10/100 Base-Tx
PT61017EL BOURNS-PT61017EL Datasheet
269Kb / 1P
LAN 10/100 Base-Tx
PT61017PEL BOURNS-PT61017PEL Datasheet
244Kb / 1P
LAN 10/100 Base-Tx
PT61018EL BOURNS-PT61018EL Datasheet
328Kb / 1P
LAN 10/100 Base-Tx
PT61018PEL BOURNS-PT61018PEL Datasheet
273Kb / 1P
LAN 10/100 Base-Tx
logo
Bothhand USA, LP.
20PT1024RXLF BOTHHAND-20PT1024RXLF Datasheet
232Kb / 2P
10/100 BASE-TX LAN MAGNETICS
20PT1124SXLF BOTHHAND-20PT1124SXLF Datasheet
248Kb / 2P
10/100 BASE-TX LAN MAGNETICS
logo
Central Technologies
CTLFLPF CT-CTLFLPF Datasheet
241Kb / 2P
LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFSPF CT-CTLFSPF Datasheet
200Kb / 1P
LAN Filters - 10/100 Base-Tx
REV 01.07.19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com