Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLFPP1GF Datasheet(PDF) 1 Page - Central Technologies

Part # CTLFPP1GF
Description  LAN Filters - 1 Gigabit Ethernet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLFPP1GF Datasheet(HTML) 1 Page - Central Technologies

  CTLFPP1GF Datasheet HTML 1Page - Central Technologies CTLFPP1GF Datasheet HTML 2Page - Central Technologies CTLFPP1GF Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.07.19
LAN Filters - 1 Gigabit Ethernet
www.ctparts.com
CTLFPP1GF
Series
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: 100/1000 Base-Tx, PoE & PoE+, SMD
Features:
•
IEEE 802.3af&at/ANSI X3.263 compliant performance
•
Suibtable for End-span and Mid-span PoE applications
•
350&600mA current capability
•
Designed for IP phone or switch applications
•
Compact footprint
•
Designed to withstand IR reflow temperatures up to 240°C
Part Number
Ports
Insertion
Loss
(dB Max.)
Return Loss
(dB Min. @ 100Ω)
Differential to
Common
Mode Rejection
(dB Min.)
Crosstalk
(dB Min.)
Hipot
(Vrms Min)
PoE
Current
Operating
Temperature
1-100
MHz
1-30
MHz
40
MHz
50
MHz
60-80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
@60Hz
CTLFPP1GF-001
4
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40 -35
1500
350mA
0°C to 70°C
CTLFPP1GF-002
1
-1.2
-18
-14
-13
-12
-
-
-
-41
-37 -33
1500
750mA
-40°C to 85°C
CTLFPP1GF-003
2
-1.2
-16
-14
-13
-12
-43
-37
-30
-35
-30 -25
1500
600mA
-40°C to 85°C
CTLFPP1GF-004
2
-1.0
-18
-14.4 -13.1
-12
-43
-37
-33
-45
-40 -35
1800
350mA
0°C to 70°C
CTLFPP1GF-008
1
-1.2
-16
-14
-13
-12
-43
-37
-33
-43
-37 -31
1500
350mA
-40°C to 85°C
CTLFPP1GF-009
2
-1.0
-18
-18
-16
-12
-43
-37
-33
-43
-37 -33
1500
600mA
-40°C to 85°C
PHYSICAL DIMENSIONS & PAD LAYOUT
18.38 Max.
13.97
0.46±0.05
1.27±0.10
13.97
1.27
0.76
0.7±0.10
16.00
Date Code
PAD
LAYOUT
27.81
0.91±0.10
12.19
1.02±0.10
23.46
0.41±0.05
1.02
0.64
23.46
Date Code
PAD
LAYOUT
1
24
48
25
CTLFPP1GF-001/-003
CTLFPP1GF-002
1
12
24
13
Unit: mm Unless otherwise specified, all tolerances are ±0.25


Similar Part No. - CTLFPP1GF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLFPP10GF CT-CTLFPP10GF Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF-001 CT-CTLFPP10GF-001 Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF-002 CT-CTLFPP10GF-002 Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF-003 CT-CTLFPP10GF-003 Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
More results

Similar Description - CTLFPP1GF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
10 Gigabit Ethernet LAN/WAN PHY
logo
Central Technologies
CTLF10GDF CT-CTLF10GDF Datasheet
256Kb / 1P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF CT-CTLF24S1GF Datasheet
313Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF2R5GF CT-CTLF2R5GF Datasheet
272Kb / 2P
LAN Filters - 2.5 Gigabit Ethernet
REV 01.07.19
CTLF48S1GF CT-CTLF48S1GF Datasheet
600Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF5GF CT-CTLF5GF Datasheet
253Kb / 2P
LAN Filters - 5 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF CT-CTLFPP10GF Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP2R5GF CT-CTLFPP2R5GF Datasheet
270Kb / 2P
LAN Filters - 2.5 Gigabit Ethernet
REV 01.07.19
CTLFPP5GF CT-CTLFPP5GF Datasheet
256Kb / 2P
LAN Filters - 5 Gigabit Ethernet
REV 01.07.19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com