Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLFPP2R5GF Datasheet(PDF) 1 Page - Central Technologies

Part # CTLFPP2R5GF
Description  LAN Filters - 2.5 Gigabit Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLFPP2R5GF Datasheet(HTML) 1 Page - Central Technologies

  CTLFPP2R5GF Datasheet HTML 1Page - Central Technologies CTLFPP2R5GF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.07.19
LAN Filters - 2.5 Gigabit Ethernet
www.ctparts.com
CTLFPP2R5GF
Series
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: 2.5G Base-T, PoE & PoE+, 24 pin SMD
Operating Temperature: 0°C to 70°C
Features:
•
Designed for long haul Gigabit Ethernet 2.5G Base-T, full duplex applications
•
Supports 4 pairs of category 5 UTP cable
•
Cable interface for isolation and low common mode emissions
•
Compliant with IEEE 802.3an standard
•
Meet IEEE 802.3af standards with 350mA
•
Meet IEEE 802.3at standards with 720mA
Unit: mm Unless otherwise specified, all tolerances are ±0.25
PHYSICAL DIMENSIONS & PAD LAYOUT
15FB-12BNL
15FB-13NL
13.65
11.0
0.40±0.05
1.0±0.1
15.0
11.0
0.64
1.0
Date Code
PAD
LAYOUT
13.64
11.22
0.41±0.05
11.22
0.64
1.02
1.02±0.10
15.00
PAD
LAYOUT
Date Code
1
12
1
12
24
13
24
13
Part
Number
Insertion
Loss
(dB Max.)
Return
Loss
(dB Min. @100Ω)
Common to Differential
Mode Rejection
(dB Typ.)
Crosstalk
(dB Typ.)
Common to
Mode Rejection
(dB Typ.)
PoE
Current
Hipot
(Vrms Min.)
1-50
MHz
50-125
MHz
1-40
MHz
40-200
MHz
10-125
MHz
1-125
MHz
30-200
MHz
CTLFPP2R5GF-001
-0.5
-1.0
-20
-20+15log(f/40MHz)
-45+f/35
-39
-30
350mA
1500
CTLFPP2R5GF-002
-0.5
-1.0
-20
-20+15log(f/40MHz)
-45+f/35
-39
-30
720mA
1500
CTLFPP2R5GF-001
CTLFPP2R5GF-002


Similar Part No. - CTLFPP2R5GF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLFPP10GF CT-CTLFPP10GF Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF-001 CT-CTLFPP10GF-001 Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF-002 CT-CTLFPP10GF-002 Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF-003 CT-CTLFPP10GF-003 Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP1GF CT-CTLFPP1GF Datasheet
423Kb / 3P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
More results

Similar Description - CTLFPP2R5GF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
10 Gigabit Ethernet LAN/WAN PHY
logo
Central Technologies
CTLF10GDF CT-CTLF10GDF Datasheet
256Kb / 1P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF CT-CTLF24S1GF Datasheet
313Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF2R5GF CT-CTLF2R5GF Datasheet
272Kb / 2P
LAN Filters - 2.5 Gigabit Ethernet
REV 01.07.19
CTLF48S1GF CT-CTLF48S1GF Datasheet
600Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF5GF CT-CTLF5GF Datasheet
253Kb / 2P
LAN Filters - 5 Gigabit Ethernet
REV 01.07.19
CTLFPP10GF CT-CTLFPP10GF Datasheet
293Kb / 2P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLFPP1GF CT-CTLFPP1GF Datasheet
423Kb / 3P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLFPP5GF CT-CTLFPP5GF Datasheet
256Kb / 2P
LAN Filters - 5 Gigabit Ethernet
REV 01.07.19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com