Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML54053 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML54053
Description  NAND Flash Memory Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML54053 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML54053 Datasheet HTML 17Page - OKI electronic componets ML54053 Datasheet HTML 18Page - OKI electronic componets ML54053 Datasheet HTML 19Page - OKI electronic componets ML54053 Datasheet HTML 20Page - OKI electronic componets ML54053 Datasheet HTML 21Page - OKI electronic componets ML54053 Datasheet HTML 22Page - OKI electronic componets ML54053 Datasheet HTML 23Page - OKI electronic componets ML54053 Datasheet HTML 24Page - OKI electronic componets ML54053 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
¡ Semiconductor
ML54053
17/22
6.7 Modes
6.7.1
Memory Mapped
In the memory mapped mode, ATA registers appear in the 0 to 2K window of common memory
space.
6.7.2
I/O Mapped 16 Contiguous Registers
In the I/O mapped 16 contiguous registers mode, contiguous ATA registers appear in I/O space.
6.7.3
Primary I/O Mapped
In the primary I/O mapped mode, ATA registers appear in 1F0h to 1F7h and 3F6h to 3F7h of the
standard I/O address space.
6.7.4
Secondary I/O Mapped
In the secondary I/O mapped mode, ATA registers appear in 170h to 177h and 376h to 377h of
the standard I/O address space.
6.7.5
True IDE
This mode is compatible with True IDE Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com