Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLV4018SF-R56M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLV4018SF-R56M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLV4018SF-R56M Datasheet(HTML) 1 Page - Central Technologies

  CTLV4018SF-R56M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.01.17
Power Inductors - Shielded
www.ctparts.com
CTLV4018SF
Series
From 0.56µH to 22µH
SPECIFICATIONS
Please specify inductance tolerance code when ordering.
CTLV4018SF-R56_
M = ±20%, N = ±30%
*Isat: For inductance drop 30% from its value without current.
**Irms: For a 40°C rise above 25°C ambient.
L Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
±30%
Typ.(Max.)
Typ.(Max.)
Number
(µH)
(kHz)
(Ω)
(A)
(A)
CTLV4018SF-R56_
0.56
100
0.0220
5.7(5.10)
4.0(3.60)
CTLV4018SF-1R0_
1.0
100
0.0265
4.2(3.78)
3.8(3.42)
CTLV4018SF-1R5_
1.5
100
0.0370
3.5(3.15)
3.2(2.88)
CTLV4018SF-2R2_
2.2
100
0.0470
3.0(2.70)
2.7(2.43)
CTLV4018SF-3R3_
3.3
100
0.0625
2.3(2.07)
2.1(1.89)
CTLV4018SF-220_
22
100
0.3350
0.90(0.81)
0.88(0.79)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductors sealed with magnetic resin.
Applications: Smart phones, DSC, Tablet PC’s, DC/DC
converters, etc.
Operating Temperature: -55°C to +125°C (including
self - temperature rise)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100kHz, 1V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
D
Magnetic Shielding
3.7
1.5
1.2
1.5
Size
mm
inches
Unit: mm
A
B
C
D
Max.
Typ.
4.0±0.20
4.0±0.20
1.9
1.3
0.157±0.008
0.157±0.008
0.075
0.051


Similar Part No. - CTLV4018SF-R56M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLV4012ASF CT-CTLV4012ASF Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 12.01.14
CTLV4012ASF-150M CT-CTLV4012ASF-150M Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 12.01.14
CTLV4012ASF-150N CT-CTLV4012ASF-150N Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 12.01.14
CTLV4012ASF-1R0M CT-CTLV4012ASF-1R0M Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 12.01.14
CTLV4012ASF-1R0N CT-CTLV4012ASF-1R0N Datasheet
86Kb / 1P
Power Inductors - Shielded
REV 12.01.14
More results

Similar Description - CTLV4018SF-R56M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com