Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLVC4018F Datasheet(PDF) 1 Page - Central Technologies

Part # CTLVC4018F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLVC4018F Datasheet(HTML) 1 Page - Central Technologies

  CTLVC4018F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.03.15
Power Inductors - Shielded
www.ctparts.com
CTLVC4018F
Series
From 1.0µH to 220µH
SPECIFICATIONS
Please specify inductance tolerance code when ordering.
CTLVC4018F-1R0_
M = ±20%, N = ±30%
*Isat: DC current (A) that will cause L to drop approximately 30%.
**Irms: DC current (A) that will cause an approximate
ΔT of 40°C.
L Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
±20%
Typ.(Max.)
Typ.(Max.)
Number
(µH)
(kHz)
(m
Ω)
(A)
(A)
CTLVC4018F-1R0_
1.0
100
32
4.10(3.69)
2.80(2.52)
CTLVC4018F-1R5_
1.5
100
40
3.30(2.97)
2.60(2.34)
CTLVC4018F-1R8_
1.8
100
55
2.80(2.50)
2.50(2.20)
CTLVC4018F-2R2_
2.2
100
60
2.80(2.52)
2.50(2.25)
CTLVC4018F-2R3_
2.3
100
60
2.80(2.52)
2.50(2.25)
CTLVC4018F-3R3_
3.3
100
70
2.20(1.98)
2.10(1.89)
CTLVC4018F-3R6_
3.6
100
75
2.10(1.89)
1.90(1.71)
CTLVC4018F-3R9_
3.9
100
75
2.10(1.89)
1.90(1.71)
CTLVC4018F-4R7_
4.7
100
90
2.00(1.80)
1.70(1.53)
CTLVC4018F-6R8_
6.8
100
110
1.60(1.44)
1.50(1.35)
CTLVC4018F-100_
10
100
170
1.40(1.26)
1.20(1.08)
CTLVC4018F-150_
15
100
250
1.00(0.90)
1.00(0.90)
CTLVC4018F-220_
22
100
350
0.90(0.81)
0.85(0.76)
CTLVC4018F-330_
33
100
530
0.80(0.72)
0.70(0.63)
CTLVC4018F-470_
47
100
720
0.70(0.63)
0.56(0.50)
CTLVC4018F-680_
68
100
1000
0.56(0.50)
0.45(0.40)
CTLVC4018F-101_
100
100
1500
0.46(0.41)
0.38(0.34)
CTLVC4018F-151_
150
100
2500
0.35(0.31)
0.30(0.27)
CTLVC4018F-221_
220
100
4000
0.28(0.25)
0.23(0.20)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductors sealed with magnetic resin.
Applications: Smart phones, DSC, Tablet PC’s, DC/DC convert-
ers, etc.
Operating Temperature: -55°C to 125°C (including
self - temperature rise)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100kHz, 1V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
BC
D
D
Magnetic Shielding
3.7
1.2
1.6
1.2
Size
mm
inches
CTLVC4018F-100_
10
100
170
1.40(1.26)
1.20(1.08)
CTLVC4018F-150_
15
100
250
1.00(0.90)
1.00(0.90)
CTLVC4018F-220_
22
100
350
0.90(0.81)
0.85(0.76)
CTLVC4018F-330_
33
100
530
0.80(0.72)
0.70(0.63)
CTLVC4018F-470_
47
100
720
0.70(0.63)
0.56(0.50)
CTLVC4018F-680_
68
100
1000
0.56(0.50)
0.45(0.40)
Unit: mm
A
B
C
D
4.0±0.20
4.0±0.20
1.8+0.2, -0.3
1.3±0.3
0.157±0.008
0.157±0.008
0.071+0.008, -0.012
0.051±0.012


Similar Part No. - CTLVC4018F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLVC4012F CT-CTLVC4012F Datasheet
86Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTLVC4018F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com