Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLVC6020F Datasheet(PDF) 1 Page - Central Technologies

Part # CTLVC6020F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLVC6020F Datasheet(HTML) 1 Page - Central Technologies

  CTLVC6020F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.05.15
Power Inductors - Shielded
www.ctparts.com
CTLVC6020F
Series
From 0.5µH to 22µH
SPECIFICATIONS
Please specify inductance tolerance code when ordering.
CTLVC6020F-1R5_
M = ±20%, N = ±30%
*Isat: DC current (A) that will cause L to drop approximately 30%.
**Irms: DC current (A) that will cause an approximate
ΔT of 40°C.
L Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
±30%
Typ.(Max.)
Typ.(Max.)
Number
(µH)
(kHz)
(m
Ω)
(A)
(A)
CTLVC6020F-R50N
0.5
100
13
8.0(7.20)
5.3(4.77)
CTLVC6020F-R90N
0.9
100
18
6.3(5.67)
4.2(3.78)
CTLVC6020F-1R0N
1.0
100
19
6.2(5.58)
4.1(3.69)
CTLVC6020F-1R5_
1.5
100
26
5.0(4.50)
3.6(3.24)
CTLVC6020F-2R2_
2.2
100
34
4.2(3.78)
3.2(2.88)
CTLVC6020F-3R3_
3.3
100
40
3.2(2.88)
2.7(2.43)
CTLVC6020F-4R7_
4.7
100
58
2.5(2.25)
2.2(1.98)
CTLVC6020F-6R8_
6.8
100
85
2.2(1.98)
1.8(1.62)
CTLVC6020F-100_
10
100
125
2.0(1.80)
1.6(1.44)
CTLVC6020F-150_
15
100
190
1.3(1.17)
1.3(1.17)
CTLVC6020F-220_
22
100
260
1.1(0.99)
1.1(0.99)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductors sealed with magnetic resin.
Applications: Smart phones, DSC, Tablet PC’s, DC/DC convert-
ers, etc.
Operating Temperature: -55°C to 125°C (including
self - temperature rise)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100kHz, 1V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
BC
D
D
Magnetic Shielding
5.7
1.6
2.9
1.6
Size
mm
inches
CTLVC6020F-1R0N
1.0
100
19
6.2(5.58)
4.1(3.69)
CTLVC6020F-1R5_
1.5
100
26
5.0(4.50)
3.6(3.24)
CTLVC6020F-2R2_
2.2
100
34
4.2(3.78)
3.2(2.88)
CTLVC6020F-3R3_
3.3
100
40
3.2(2.88)
2.7(2.43)
CTLVC6020F-4R7_
4.7
100
58
2.5(2.25)
2.2(1.98)
CTLVC6020F-6R8_
6.8
100
85
2.2(1.98)
1.8(1.62)
Unit: mm
A
B
C
D
6.0±0.2
6.0±0.2
2.0+0.2, -0.3
1.7±0.3
0.236±0.008
0.236±0.008
0.079+0.008, -0.012
0.067±0.012


Similar Part No. - CTLVC6020F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLVC6028F CT-CTLVC6028F Datasheet
88Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTLVC6020F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com