Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMPA121205F-R33N Datasheet(PDF) 1 Page - Central Technologies

Part # CTMPA121205F-R33N
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMPA121205F-R33N Datasheet(HTML) 1 Page - Central Technologies

  CTMPA121205F-R33N Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.16.15
Power Inductors - Shielded
www.ctparts.com
CTMPA121205F
Series
From 0.33µH to 6.8µH
SPECIFICATIONS
Inductance
DCR
DCR
Isat
Irms
Part
at 200kHz
Max.
Typ.
Typ.
Typ.
Number
(µH)
(m
W)
(m
W)
(A)
(A)
CTMPA121205F-R33N
0.33
22.8
19.0
11.10
3.40
CTMPA121205F-R47N
0.47
26.4
22.0
9.40
3.20
CTMPA121205F-R56N
0.56
34.8
29.0
8.50
3.00
CTMPA121205F-R68N
0.68
43.2
36.0
7.70
2.70
CTMPA121205F-1R0M
1.0
50.5
42.1
6.60
2.50
CTMPA121205F-1R2M
1.2
66.0
55.0
6.30
2.30
CTMPA121205F-1R5M
1.5
96.0
80.0
5.70
1.90
CTMPA121205F-2R2M
2.2
115.0
100.0
4.60
1.70
CTMPA121205F-3R3M
3.3
179.7
156.3
3.70
1.30
CTMPA121205F-4R7M
4.7
307.8
267.7
3.30
1.00
CTMPA121205F-5R6M
5.6
389.0
338.3
3.00
0.90
CTMPA121205F-6R8M
6.8
423.4
368.2
2.40
0.80
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Molded Magnetically Shielded Inductors
Applications: DC/DC converter for CPU in Notebook PC, Battery
powered devices, Cellular phone LCD displays, HDD’s, DVC’s,
DCS’s, PDA, Thin type on-board power supply module, etc.
Operating Temperature: -40°C to +120°C (The part temperature
(ambient + temp. rise) should not exceed 125°C under worst case
operating conditions. Circuit design, component placement, PWB
trace size and thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be verified in
the end application.)
Isat: Inductance drop 20% from its value with current.
Irms: 40°C temperature rise from 25°C ambient with current.
Inductance Tolerance: ±20% (M), ±30% (N)
Testing: Inductance tested at 200kHz, 0.25V, 0A. 25°C ambient.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
C
D
D
B
A
Core
Terminal
Electrode
Core Top
2R2
0.8
3.4
A
B
C
D
Max.
3.0 ± 0.2
3.0 ± 0.2
1.2
1.2 ± 0.2
0.118 ± 0.008
0.118 ± 0.008
0.047
0.047 ± 0.008
Size
mm
inches
Unit: mm
Part numbers indicate the available inductance tolerance.
M = ±20%, N = ±30%


Similar Part No. - CTMPA121205F-R33N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMPA121208F CT-CTMPA121208F Datasheet
394Kb / 1P
Power Inductors - Shielded
REV 11.16.15
CTMPA121208F-100M CT-CTMPA121208F-100M Datasheet
394Kb / 1P
Power Inductors - Shielded
REV 11.16.15
CTMPA121208F-1R0M CT-CTMPA121208F-1R0M Datasheet
394Kb / 1P
Power Inductors - Shielded
REV 11.16.15
CTMPA121208F-1R2M CT-CTMPA121208F-1R2M Datasheet
394Kb / 1P
Power Inductors - Shielded
REV 11.16.15
CTMPA121208F-1R5M CT-CTMPA121208F-1R5M Datasheet
394Kb / 1P
Power Inductors - Shielded
REV 11.16.15
More results

Similar Description - CTMPA121205F-R33N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com