Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMPC080604F Datasheet(PDF) 1 Page - Central Technologies

Part # CTMPC080604F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMPC080604F Datasheet(HTML) 1 Page - Central Technologies

  CTMPC080604F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.08.19
Power Inductors - Shielded
www.ctparts.com
CTMPC080604F
Series
From 0.24 µH to 2.2 µH
SPECIFICATIONS
Isat: DC current (A) that will cause L to drop approximately 30%.
Irms: DC current (A) that will cause an approximate
DT of 40°C.
L Test
DCR
Isat
Irms
Part
Inductance
Freq.
Max.
Max.
Max.
Number
(µH)
(MHz)
(m
W)
(A)
(A)
CTMPC080604F-R24M
0.24
2.0
40
4.2
4.0
CTMPC080604F-R33M
0.33
2.0
48
4.0
3.5
CTMPC080604F-R47M
0.47
2.0
54
3.2
3.0
CTMPC080604F-R56M
0.56
2.0
59
2.8
2.8
CTMPC080604F-R68M
0.68
2.0
72
2.7
2.4
CTMPC080604F-1R0M
1.0
2.0
96
2.2
2.0
CTMPC080604F-1R5M
1.5
2.0
150
2.1
1.6
CTMPC080604F-2R2M
2.2
2.0
204
2.0
1.3
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD Shielded Molded Power Inductor
Applications: Smartphone, Tablet PC, Hard Disk for Ultrabook,
LTE Module, Portable Devices, etc.
Operating Temperature: -40°C to 125°C (including self-
temperature rise)
Inductance Tolerance: ±20%
Testing: Inductance is tested on an E4991/HP4287A+16197A,
2MHz, 0.2V.
Packaging: Tape and Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
D
D
C
B
A
Core
Terminal
Electrode
A
B
C
D
Max.
2.0 ± 0.2
1.6 ± 0.2
1.0
0.5 ± 0.3
0.078 ± 0.008
0.063 ± 0.008
0.039
0.020 ± 0.012
Size
mm
inches
PAD LAYOUT
2.0
1.6
0.9
Unit: mm


Similar Part No. - CTMPC080604F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMPC080605F CT-CTMPC080605F Datasheet
119Kb / 1P
Power Inductors - Shielded
REV 03.11.19
CTMPC080605F-1R0M CT-CTMPC080605F-1R0M Datasheet
119Kb / 1P
Power Inductors - Shielded
REV 03.11.19
CTMPC080605F-1R5M CT-CTMPC080605F-1R5M Datasheet
119Kb / 1P
Power Inductors - Shielded
REV 03.11.19
CTMPC080605F-2R2M CT-CTMPC080605F-2R2M Datasheet
119Kb / 1P
Power Inductors - Shielded
REV 03.11.19
CTMPC080605F-R24M CT-CTMPC080605F-R24M Datasheet
119Kb / 1P
Power Inductors - Shielded
REV 03.11.19
More results

Similar Description - CTMPC080604F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com