Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMPH080503F Datasheet(PDF) 1 Page - Central Technologies

Part # CTMPH080503F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMPH080503F Datasheet(HTML) 1 Page - Central Technologies

  CTMPH080503F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.23.15
Power Inductors - Shielded
www.ctparts.com
CTMPH080503F
Series
From 0.24 µH to 0.47 µH
SPECIFICATIONS
Isat: DC current (A) that will cause L to drop approximately 30%.
Irms: DC current (A) that will cause an approximate
ΔT of 40°C.
L Test
DCR
Isat
Irms
Part
Inductance
Freq.
Max.(Typ.)
Max.(Typ.)
Max.(Typ.)
Number
(µH)
(MHz)
(m
Ω)
(A)
(A)
CTMPH080503F-R24M
0.24
2.0
25(19)
4.8(5.4)
4.2(4.8)
CTMPH080503F-R47M
0.47
2.0
48(40)
3.2(3.6)
3.0(3.4)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD Molded Magnetically Shielded Inductors
Applications: Smartphone, Tablet PC, Hard Disk for Ultrabook,
DC/DC Converters, Portable Devices, etc.
Operating Temperature: -40°C to 125°C (including self-
temperature rise)
Inductance Tolerance: ±20%
Testing: Inductance is tested on an E4991A/HP4287A+16197A,
2MHz, 0.2V.
Packaging: Tape and Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
DD
C
B
A
Ferrite
Terminal
Electrode
A
B
C
D
Max.
2.0 ± 0.2
1.25 ± 0.2
0.8
0.5 ± 0.3
0.079 ± 0.008
0.049 ± 0.008
0.031
0.020 ± 0.012
Size
mm
inches
PAD LAYOUT
0.8~1.2
2.3~2.9
Unit: mm


Similar Part No. - CTMPH080503F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMPH080504F CT-CTMPH080504F Datasheet
82Kb / 1P
Power Inductors - Shielded
REV 02.23.15
CTMPH080504F-1R0M CT-CTMPH080504F-1R0M Datasheet
82Kb / 1P
Power Inductors - Shielded
REV 02.23.15
CTMPH080504F-1R5M CT-CTMPH080504F-1R5M Datasheet
82Kb / 1P
Power Inductors - Shielded
REV 02.23.15
CTMPH080504F-2R2M CT-CTMPH080504F-2R2M Datasheet
82Kb / 1P
Power Inductors - Shielded
REV 02.23.15
CTMPH080504F-R24M CT-CTMPH080504F-R24M Datasheet
82Kb / 1P
Power Inductors - Shielded
REV 02.23.15
More results

Similar Description - CTMPH080503F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com