Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1202 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1202 Datasheet HTML 9Page - Texas Instruments AMC1202 Datasheet HTML 10Page - Texas Instruments AMC1202 Datasheet HTML 11Page - Texas Instruments AMC1202 Datasheet HTML 12Page - Texas Instruments AMC1202 Datasheet HTML 13Page - Texas Instruments AMC1202 Datasheet HTML 14Page - Texas Instruments AMC1202 Datasheet HTML 15Page - Texas Instruments AMC1202 Datasheet HTML 16Page - Texas Instruments AMC1202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6.13 Typical Characteristics (continued)
at TA = 25°C, VDD1 = 5 V, VDD2 = 3.3 V, INP = –50 mV to 50 mV, INN = GND1, and fIN = 10 kHz (unless otherwise noted)
fIN (kHz)
0.01
0.1
1
10
100
1000
-360°
-315°
-270°
-225°
-180°
-135°
-90°
-45°
0°
D024
Figure 6-17. Output Phase vs Input Frequency
Differential Input Voltage (mV)
-70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D025
VOUTN
VOUTP
Figure 6-18. Output Voltage vs Input Voltage
Differential Input Voltage (mV)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
D026
Figure 6-19. Nonlinearity vs Input Voltage
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
D027
vs VDD1
vs VDD2
Figure 6-20. Nonlinearity vs Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
D028
Device 1
Device 2
Device 3
Figure 6-21. Nonlinearity vs Temperature
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-100
-95
-90
-85
-80
-75
-70
D029
vs VDD1
vs VDD2
Figure 6-22. Total Harmonic Distortion vs Supply Voltage
www.ti.com
AMC1202
SBASAB8 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com