Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1202DWVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202DWVR
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202DWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1202DWVR Datasheet HTML 17Page - Texas Instruments AMC1202DWVR Datasheet HTML 18Page - Texas Instruments AMC1202DWVR Datasheet HTML 19Page - Texas Instruments AMC1202DWVR Datasheet HTML 20Page - Texas Instruments AMC1202DWVR Datasheet HTML 21Page - Texas Instruments AMC1202DWVR Datasheet HTML 22Page - Texas Instruments AMC1202DWVR Datasheet HTML 23Page - Texas Instruments AMC1202DWVR Datasheet HTML 24Page - Texas Instruments AMC1202DWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3.3 V or 5 V
Low-side supply voltage
3.3 V or 5 V
Voltage drop across RSHUNT for a linear response
±50 mV (maximum)
Signal delay (50% VIN to 90% OUTP, OUTN)
3 µs (maximum)
8.2.2 Detailed Design Procedure
In Figure 8-1, the high-side power supply (VDD1) for the AMC1202 is derived from the floating power supply of
the upper gate driver.
The floating ground reference (GND1) is derived from the end of the shunt resistor that is connected to the
negative input of the AMC1202 (INN). If a four-pin shunt is used, the inputs of the AMC1202 are connected to
the inner leads and GND1 is connected to the outer lead on the INN-side of the shunt. To minimize offset and
improve accuracy, route the ground connection as a separate trace that connects directly to the shunt resistor
rather than shorting GND1 to INN directly at the input to the device. See the Layout section for more details.
8.2.2.1 Shunt Resistor Sizing
Use Ohm's Law to calculate the voltage drop across the shunt resistor (VSHUNT) for the desired measured
current: VSHUNT = I × RSHUNT.
Consider the following two restrictions when selecting the value of the shunt resistor, RSHUNT:
• The voltage drop caused by the nominal current range must not exceed the recommended differential input
voltage range for a linear response: |VSHUNT| ≤ |VFSR|
• The voltage drop caused by the maximum allowed overcurrent must not exceed the input voltage that causes
a clipping output: |VSHUNT| ≤ |VClipping|
8.2.2.2 Input Filter Design
TI recommends placing an RC-filter in front of the isolated amplifier to improve signal-to-noise performance of
the signal path. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20 MHz) of the ΔΣ modulator
• The input bias current does not generate significant voltage drop across the DC impedance of the input filter
• The impedances measured from the analog inputs are equal
For most applications, the structure shown in Figure 8-2 achieves excellent performance.
10
10
10 nF
VDD1
GND1
INP
INN
AMC1202
VDD2
OUTP
OUTN
GND2
Figure 8-2. Differential Input Filter
www.ti.com
AMC1202
SBASAB8 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com