Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB803 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB803 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCDB803 Datasheet HTML 9Page - Texas Instruments CDCDB803 Datasheet HTML 10Page - Texas Instruments CDCDB803 Datasheet HTML 11Page - Texas Instruments CDCDB803 Datasheet HTML 12Page - Texas Instruments CDCDB803 Datasheet HTML 13Page - Texas Instruments CDCDB803 Datasheet HTML 14Page - Texas Instruments CDCDB803 Datasheet HTML 15Page - Texas Instruments CDCDB803 Datasheet HTML 16Page - Texas Instruments CDCDB803 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
The SMBus address pins are sampled when PWRGD is set to 1. See Table 8-1 for address pin configuration.
The address can only be changed by power cycling the device.
Table 8-1. SMBus Address Assignment
SADR1
SADR0
SMBus ADDRESS : WRITE
OPERATION (READ/WRITE=0)
SMBus ADDRESS : READ
OPERATION (READ/WRITE=1)
L
L
0xD8
0xD9
L
M
0xDA
0xDB
L
H
0xDE
0xDF
M
L
0xC2
0xC3
M
M
0xC4
0xC5
M
H
0xC6
0xC7
H
L
0xCA
0xCB
H
M
0xCC
0xCD
H
H
0xCE
0xCF
8.4 Device Functional Modes
8.4.1 CKPWRGD_PD# Function
The CKPWRGD_PD# pin is used to set two state variables inside of the device: PWRGD and PD#. The PWRGD
and PD# variables control which functions of the device are active at any time, as well as the state of the input
and output pins.
The PWRGD and PD# states are multiplexed on the CKPWRGD_PD# pin. CKPWRGD_PD# must remain below
VOL and not exceed VDDR + 0.3 V until VDD and VDDR are present and within the recommended operating
conditions. After CKPWRGD_PD# is set high, a valid CLKIN must be present to use PD#.
The first rising edge of the CKPWRGD_PD# pin sets PWRGD = 1. After PWRGD is set to 1, the
CKPWRGD_PD# pin is used to assert PD# mode only. PWRGD variable will only be cleared to 0 with the
removal of VDD and VDDR.
PWRGD
PD#
CKPWRGD_PD#
VDD/VDDR
Figure 8-1. PWRGD and PD# State Changes
www.ti.com
CDCDB803
SNAS820 – AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com