Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-784 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-784
Description  LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??ATX Server Board with 2 PCIe x16 slots (x8 link), 3 PCI, USB 3.0, Quad/Dual LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-784 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-784 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-784 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-784
Ordering Information
Part Number
Chipset
LAN
USB 3.0
DVI
SATAIII
IPMI
ASMB-784G2-00A1E
C226
2
4
2
6
Optional
ASMB-784G4-00A1E
C226
4
4
2
6
Optional
Packing List
Part Number
Description
Quantity
2066S78402
Driver CD
x 1
2006S78410
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
19Z0000502T000
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
1700002204
Dual port USB 2.0 cable (27 cm) with bracket
1700008461
Four port USB 2.0 cable (30.5 cm) with bracket
1960052651N021
LGA 1151/1150/1155 CPU cooler for 2U/4U and
wallmount chassis (TDP up to 95W)
1960049408N001
LGA 1151/1150/1155 1U CPU Cooler (TDP up to 95W)
19Z0000747T000
1U I/O shield
1700008809
Printer port cable kit (25 cm)
1700020294-01
Printer port cable kit (42 cm)
1701090401
COM port cable with bracket (40 cm)
1700020277-01
Dual port USB 3.0 cable with bracket (30 cm)
1700007351
SATA cable L-type (for ACP-4320)
AIMB-AUDIO-HDA1E
HD Audio-Card
IPMI-1000-00A2E
IPMI 2.0 Module
968EMLSAP2
SUSIAccess Pro 3.0
PCA-TPM-00A1E
TPM Module with Infineon TPM 1.2 solution
Note 1: To enable Intel vPro feature, PCA-TPM-00A1E must be installed.
Note 2: Purchasing ASMB-784's proprietary CPU cooler from Advantech is a must. Other
brands' CPU coolers are NOT compatible with ASMB-784.
Intel C226 PCH
LGA 1150 Intel®
Xeon® E3 v3 and
4th Gen Core™
i3/i5/i7 Series
Processors
Channel A
(ECC) DDR3 1066/1333/1600
(ECC) DDR3 1066/1333/1600
PCIe x16 slot-6
PCIe x16 slot-4
DP
DP
Switch
PCIe
Level Shifter
DVI
DVI
Level Shifter
Gen3 x8
PCIe Gen3 x8
PCIe Gen3 x8
Channel B
(ECC) DDR3 1066/1333/1600
(ECC) DDR3 1066/1333/1600
PCIe Gen2 x1
PCIe x 1
USB 2.0
PCIe x 1
PCIe x 1
Gen 2.0
PCIe x 1
Gen 2.0
PCIe x 1
Gen 2.0
PCIe x 1
Gen 2.0
PCIe x1 slot-7
PCIe Gen2 x1
PCIe x1 slot-2
RGB
USB 2.0
RGB
9 USB 2.0
USB 3.0
Audio Codec
ALC892
VGA D-Sub
6 SATA Ports with
RAID 0,1,5,10
4 USB 3.0
HD Audio
G-LAN1 :
Intel I217-LM (PHY)
G-LAN2 :
Intel I210-AT
G-LAN3 :
Intel I210-AT
G-LAN4 :
Intel I210-AT
ITE 8892F
2 RS 232
1 LPT
PCI slot-1.3.5
Winbond
83782D
LPC
Connector
BMC
Connector
(Optional)
SM BUS
NC-SI
128 Mbit
BIOS Flash
Nuvoton
NCT6776
ASMB-784G4-00A1E
ASMB-784G2-00A1E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com