Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-975 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-975
Description  Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-975 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-975 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-975 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-975
Ordering Information
Part Number
Chipset
Memory
GbE/10GbE LAN
IPMI
VGA Chip
ASMB-975-00A1
C621
DDR4 RDIMM
2/-
-
AST 2510
ASMB-975I-00A1
C621
DDR4 RDIMM
2/-
Yes
AST 2500
ASMB-975T2-00A1
C622
DDR4 RDIMM
2/2
Yes
AST 2500
Packing List
Part Number
Description
Quantity
2066975I00
Driver CD
x 1
2001097500
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700019748
CPU power cable
x 2
1960076489t000
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
PCA-AUDIO-HDB1E
HD Audio-card
PCA-TPM-00B1E
TPM 2.0 Module by LPC
1960081603N001
LGA-3647 narrow CPU cooler for 2U/4U chassis
1960081155N001
LGA-3647 narrow CPU cooler for 1U chassis
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1700020277-01
Dual port USB 3.0 cable (30 cm) with bracket
1701090401
COM port cable with bracket
Intel LGA 3647-P0
Xeon® Scalable
Processors
(CPU1)
Intel LGA 3647-P0
Xeon® Scalable
Processors
(CPU
0)
UPI PORT0 : 10.4GT/s
UPI PORT1 : 10.4GT/s
Channel 0
ECC DDR4 2133/2400/2666
Channel 1
ECC DDR4 2133/2400/2666
Channel 2
ECC DDR4 2133/2400/2666
Channel 3
ECC DDR4 2133/2400/2666
Channel 4
ECC DDR4 2133/2400/2666
Channel 5
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
PCIe x4 Slot
PCIe Gen3 x4
Slot 1
PCIe x4 Slot
PCIe Gen3 x4
Slot 3
PCIe x16 Slot
PCIe Gen3 x16
Slot 4
PCIe x16 Slot
PCIe Gen3 x16
PCIe Gen3 x16
PCIe Gen3 x4
PCIe Gen3 x4
PCIe Gen3 x16
Slot 6
PCIe x16 Slot
Slot 2
20160225: need check
PCIe x4 Slot
Slot 5
PCIe x4 Slot
Slot 7
PCIe x16 Slot
Slot 8
PCIe x8 Slot
PCIe Gen3 x8
Slot 9
PORT0,1,2,3,4,5,6,7
SATA
6 Gb/s
Intel C621/C622 PCH
LAN3/LAN4
Intel X557-AT2
8 x SATA3
(RAID 0,1,5,10)
CPU Power
VR13
CPLD
Port1,2,3,4,5,6,7,8
USB 3.0
8 x USB3.0
(4 on board / 4 Rear)
Port0,1,2,3
sSATA
6 Gb/s
4 x SATA3
Port4,5
sSATA
6 Gb/s
2 x M.2
Port9,10,11
USB 2.0
3 x USB2.0
(1 type A)
(2 on board)
HD Audio
HD Conn.
LAN1 Intel I210
MDI
RJ45
10/100/1G/10G
MDI
RJ45
10/100/1G/10G
MDI
RJ45
10/100/1G
NC-SI
USB 2.0
PCIe Gen3 x1
BMC
AST2500
SPI
SPI Flash 32MB
DDR4
DRAM
RGB
VGA Conn.
LPC Conn.
2 x RS-232 Header/Conn.
EC
ITE-8528
SPI BIOS
8 bit GPIO Pin Header
SPI SKT
PS/2 KB, MS
128Mbit
LPC BUS
Port0,1
PHY TX/RX di .
10 Gb/s
Port4
PCIe Gen1 x1
2.5 Gb/s
LAN2 Intel I210
MDI
RJ45
10/100/1G
Port5
PCIe Gen1 x1
2.5 Gb/s
8 x FAN Conn.
PWM
SPI
ASMB-975-00A1
ASMB-975I-00A1
ASMB-975T2-00A1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com