Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V1T80
Description  SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T80 Datasheet(HTML) 3 Page - STMicroelectronics

  74V1T80 Datasheet HTML 1Page - STMicroelectronics 74V1T80 Datasheet HTML 2Page - STMicroelectronics 74V1T80 Datasheet HTML 3Page - STMicroelectronics 74V1T80 Datasheet HTML 4Page - STMicroelectronics 74V1T80 Datasheet HTML 5Page - STMicroelectronics 74V1T80 Datasheet HTML 6Page - STMicroelectronics 74V1T80 Datasheet HTML 7Page - STMicroelectronics 74V1T80 Datasheet HTML 8Page - STMicroelectronics 74V1T80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74V1T80
3/9
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
22
2
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
II
Input Leakage
Current
0to
5.5
VI =5.5Vor GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
110
20
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time CK to Q
5.0 (*)
15
4.9
8.4
1.0
9.8
1.0
10.8
ns
5.0 (*)
50
5.9
12.0
1.0
14.0
1.0
15.0
tW
CK Pulse Width,
HIGH or LOW
5.0 (*)
50
4.0
4.0
4.0
ns
ts
SetupTimeDto
CK, HIGH or LOW
5.0 (*)
50
4.0
4.0
4.0
ns
th
Hold Time D to CK,
HIGH or LOW
5.0 (*)
50
1.0
1.0
1.0
ns
fMAX
Maximum Clock
Frequency
5.0 (*)
50
165
180
150
150
MHz
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
8pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com