Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM587 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM587
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM587 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM587 Datasheet HTML 16Page - OKI electronic componets MSM587 Datasheet HTML 17Page - OKI electronic componets MSM587 Datasheet HTML 18Page - OKI electronic componets MSM587 Datasheet HTML 19Page - OKI electronic componets MSM587 Datasheet HTML 20Page - OKI electronic componets MSM587 Datasheet HTML 21Page - OKI electronic componets MSM587 Datasheet HTML 22Page - OKI electronic componets MSM587 Datasheet HTML 23Page - OKI electronic componets MSM587 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
Slave mode
AC timing mesurement point
Serial clock cycle time
Symbol
Units
Conditions
Parameter
Min.
Output data setup time
Output data hold time
Input data setup time
Input data hold time
tfW
tSRMXS
ns
(Ta= –30 to +70°C)
Clock (OSC) pulse width
50
CL=50pF
8tfW
2tfW–30
4tfW–20
30
10
Typ.
—
—
—
—
—
—
tSCKC
tSTMXS
tSTMXH
tSRMXH
—
Max.
—
—
—
—
—
—
tSCKC
SDOUT
(TXD)
tSTMXH
SDIN
(RXD)
tSRMXS
SCK
tSTMXS
tSRMXH
Valid
Valid
VDD
0V
0.8VDD
0.8VDD
0.2VDD
0.2VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com