Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09185166321 Datasheet(PDF) 3 Page - HARTING Technology Group

Part # 09185166321
Description  SEK-18 SV MA LP ANG45 16P PL2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09185166321 Datasheet(HTML) 3 Page - HARTING Technology Group

  09185166321 Datasheet HTML 1Page - HARTING Technology Group 09185166321 Datasheet HTML 2Page - HARTING Technology Group 09185166321 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product data sheet
09 18 516 6321
SEK-18 SV MA LP ANG45 16P PL2
Current carrying capacity
The current carrying capacity of the connectors is
limited by the thermal load capability of the contact
element material including the connections and the
insulating parts. The derating curve is therefore
valid for currents which flow constantly (non-
intermittent) through each contact element of the
connector evenly, without exceeding the allowed
maximum temperature.
Measuring and testing techniques acc. to IEC
60512-5-2
Ambient temperature (°C)
① Temperature raise
② Derating curve
③ Derating curve 80%
Cross section of solder termination
Page 3 / 3 | Creation date 2021-08-27 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com