Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09185166322 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09185166322
Description  SEK-18 SV MA LP STR45 16P PL2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09185166322 Datasheet(HTML) 1 Page - HARTING Technology Group

  09185166322 Datasheet HTML 1Page - HARTING Technology Group 09185166322 Datasheet HTML 2Page - HARTING Technology Group 09185166322 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
09 18 516 6322
SEK-18 SV MA LP STR45 16P PL2
SEK-18 SV MA LP STR45 16P PL2
Image is for illustration purposes only. Please refer to product description.
Part number
09 18 516 6322
Specification
SEK-18 SV MA LP STR45 16P PL2
HARTING eCatalogue
https://b2b.harting.com/09185166322
Identification
Category
Connectors
Series
SEK Low-profile
Element
Male connector
Description of the contact
Straight
Version
Termination method
Wave soldering termination
Connection type
PCB to cable
PCB to PCB
Number of contacts
16
Termination length
4.5 mm
Technical characteristics
Contact rows
2
Contact spacing (termination side)
2.54 mm
Rated current
1 A
Insulation resistance
>109 Ω
Contact resistance
≤20 mΩ
Limiting temperature
-55 ... +125 °C
Insertion and withdrawal force
≤32 N
Performance level
2
acc. to IEC 60603-13
Mating cycles
≥250
Page 1 / 3 | Creation date 2021-08-27 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com


Similar Part No. - 09185166322

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09185166321 HARTING-09185166321 Datasheet
588Kb / 3P
SEK-18 SV MA LP ANG45 16P PL2
09185166323 HARTING-09185166323 Datasheet
588Kb / 3P
SEK-18 SV MA LP ANG29 16P PL2
09185166324 HARTING-09185166324 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR29 16P PL2
09185166329 HARTING-09185166329 Datasheet
745Kb / 4P
SEK-18 SV MA LP STR55 PR-IN 16P PL2
More results

Similar Description - 09185166322

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-18-506-6322 HARTING-09-18-506-6322 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR45 06P PL2
09-18-516-5322 HARTING-09-18-516-5322 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR45 16P PLS4
09-18-520-6322 HARTING-09-18-520-6322 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR45 20P PL2
09-18-516-6922 HARTING-09-18-516-6922 Datasheet
598Kb / 3P
SEK-18 SV MA STD STR45 16P PL2
09-18-516-7322 HARTING-09-18-516-7322 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR45 16P PL3
09-18-514-6322 HARTING-09-18-514-6322 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR45 14P PL2
2021-08-27
09-18-516-6321 HARTING-09-18-516-6321 Datasheet
588Kb / 3P
SEK-18 SV MA LP ANG45 16P PL2
09-18-516-6323 HARTING-09-18-516-6323 Datasheet
588Kb / 3P
SEK-18 SV MA LP ANG29 16P PL2
09-18-516-6324 HARTING-09-18-516-6324 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR29 16P PL2
09-18-510-6322 HARTING-09-18-510-6322 Datasheet
583Kb / 3P
SEK-18 SV MA LP STR45 10P PL2
2021-08-27
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com