Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBF9402B Datasheet(PDF) 2 Page - OKI electronic componets

Part # MBF9402B
Description  SAW Band Pass Filter for US-PCS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MBF9402B Datasheet(HTML) 2 Page - OKI electronic componets

  MBF9402B Datasheet HTML 1Page - OKI electronic componets MBF9402B Datasheet HTML 2Page - OKI electronic componets MBF9402B Datasheet HTML 3Page - OKI electronic componets MBF9402B Datasheet HTML 4Page - OKI electronic componets MBF9402B Datasheet HTML 5Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEDW9402B-01
1Semiconductor
MBF9402B
2/5
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Operating temperature
Ta
–30 to +85
°C
Storage temperature
T
STG
–40 to +85
°C
Maximum Input Power
T
IN
20
mW
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Rating
Unit
Operating temperature
Ta
–30 to +85
°C
ELECTRICAL CHARACTERISTICS
Ta = –30 to +85°C
Parameter
Frequency [MHz]
Min.
Typ.
Max.
Unit
Insertion Loss
—
3.5
5.0
dB
Ripple
—
1.4
3.0
dB
V.S.W.R
1930 to 1990
—2.0
2.5
—
1509 to 1570
20
22
—
dB
1720 to 1780
20
23
—
dB
1850 to 1910
15
27
—
dB
Absolute Attenuation
2058 to 2118
25
29
—
dB
Terminating Impedance
50
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com