Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170AM039CD3AG Datasheet(PDF) 4 Page - Microchip Technology

Part # MSCSM170AM039CD3AG
Description  Phase Leg SiC Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM039CD3AG Datasheet(HTML) 4 Page - Microchip Technology

  MSCSM170AM039CD3AG Datasheet HTML 1Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
The following table lists the dynamic characteristics (per SiC MOSFET) of the MSCSM170AM039CD3AG device.
Table 1-3. Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input capacitance
VGS = 0 V
VDS = 1000 V
f = 1 MHz
29.7
nF
Coss
Output capacitance
1.3
Crss
Reverse transfer
capacitance
0.09
Qg
Total gate charge
VGS = –5 V/20 V
VBus = 850 V
ID = 270 A
1602
nC
Qgs
Gate-source charge
441
Qgd
Gate-drain charge
243
Td(on)
Turn-on delay time
VGS = –5 V/20 V
VBus = 900 V
ID = 450 A
TJ = 150 °C
RGON = 3.2 Ω
RGOFF = 1.8 Ω
75
ns
Tr
Rise time
75
Td(off)
Turn-off delay time
153
Tf
Fall time
56
Eon
Turn-on energy
VGS = –5 V/20 V
VBus = 900 V
ID = 450 A
RGON = 3.2 Ω
RGOFF = 1.8 Ω
TJ = 150 °C
20.3
mJ
Eoff
Turn-off energy
TJ = 150 °C
10.8
mJ
RGint
Internal gate resistance
0.65
Ω
RthJC
Junction-to-case thermal resistance
0.063
°C/W
The following table lists the body diode ratings and characteristics (per SiC MOSFET) of the
MSCSM170AM039CD3AG device.
Table 1-4. Body Diode Ratings and Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VSD
Diode forward voltage
VGS = 0 V; ISD = 270 A
3.7
V
VGS = –5 V; ISD = 270 A
3.9
trr
Reverse recovery time
ISD = 270 A
VGS = –5 V
VR = 900 V
diF/dt = 9000 A/µs
27
ns
Qrr
Reverse recovery charge
5.9
µC
Irr
Reverse recovery current
414
A
MSCSM170AM039CD3AG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003968A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com