Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170AM45CT1AG Datasheet(PDF) 3 Page - Microchip Technology

Part # MSCSM170AM45CT1AG
Description  Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM45CT1AG Datasheet(HTML) 3 Page - Microchip Technology

  MSCSM170AM45CT1AG Datasheet HTML 1Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM45CT1AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1.
Electrical Specifications
This section provides the electrical specifications of the MSCSM170AM45CT1AG device.
1.1
SiC MOSFET Characteristics (Per SiC MOSFET)
The following table lists the absolute maximum ratings per SiC MOSFET of the MSCSM170AM45CT1AG device.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Maximum Ratings
Unit
VDSS
Drain-Source voltage
1700
V
ID
Continuous drain current
TC = 25 °C
64
A
TC = 80 °C
51
IDM
Pulsed drain current
130
VGS
Gate-source voltage
–10/23
V
RDS(on)
Drain-source ON resistance
45
mΩ
PD
Power dissipation
TC = 25 °C
319
W
The following table lists the electrical characteristics per SiC MOSFET of the MSCSM170AM45CT1AG device.
Table 1-2. Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
IDSS
Zero gate voltage
drain current
VGS = 0 V; VDS = 1700 V
—
10
100
µA
RDS(on)
Drain–Source on
resistance
VGS = 20 V
ID = 30 A
TJ = 25 °C
—
35
45
mΩ
TJ = 175 °C
—
62
—
VGS(th)
Gate threshold
voltage
VGS = VDS; ID = 2.5 mA
1.8
3.2
—
V
IGSS
Gate–Source
leakage current
VGS = 20 V; VDS = 0 V
—
—
150
nA
MSCSM170AM45CT1AG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003938A-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com