Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPCI7045F Datasheet(PDF) 1 Page - Central Technologies

Part # CTPCI7045F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTPCI7045F Datasheet(HTML) 1 Page - Central Technologies

  CTPCI7045F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.10.18
Power Inductors - Shielded
www.ctparts.com
CTPCI7045F
Series
From 1.0µH to 470µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance.
M = ±20%, N = ±30%
*Isat for inductance drop 30% from its value without current.
**Irms for a 40°C temperature rise from 25°C ambient.
The actual current is suggested not to be out of Isat 80%.
Test
DCR
Isat
Part
Inductance
Freq.
Max.
(A)
Irms
Number
(µH)
(kHz)
(Ω)
Typ. (Max.)
(A)
CTPCI7045F-1R0N
1.0
100
0.0117
9.3(7.6)
6.5
CTPCI7045F-1R5N
1.5
100
0.013
7.8(6.2)
5.4
CTPCI7045F-2R2N
2.2
100
0.0169
7.3(6.0)
5.1
CTPCI7045F-3R3N
3.3
100
0.0208
5.8(4.6)
4.8
CTPCI7045F-4R7N
4.7
100
0.0234
4.8(4.0)
4.1
CTPCI7045F-6R8N
6.8
100
0.0264
3.6(3.0)
3.9
CTPCI7045F-100M
10
100
0.0396
3.2(2.6)
3.1
CTPCI7045F-150M
15
100
0.066
2.4(2.0)
2.6
CTPCI7045F-220M
22
100
0.0828
2.1(1.6)
2.2
CTPCI7045F-330M
33
100
0.116
1.6(1.3)
1.8
CTPCI7045F-470M
47
100
0.156
1.3(1.1)
1.7
CTPCI7045F-680M
68
100
0.204
1.08(0.95)
1.5
CTPCI7045F-101M
100
100
0.312
0.9(0.8)
1.05
CTPCI7045F-151M
150
100
0.516
0.8(0.65)
0.95
CTPCI7045F-221M
220
100
0.66
0.7(0.54)
0.75
CTPCI7045F-331M
330
100
0.96
0.55(0.45)
0.58
CTPCI7045F-471M
470
100
1.44
0.45(0.37)
0.46
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD shielded power inductor
Applications: Thin-screen TV’s, LCD’s, AV equipment, STB’s,
LED lights, industrial equipment
Operating Temperature: -40°C to +105°C (including
self-temperature rise)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on a HP4284A at 100kHz, 1V
Marking: Parts are marked with the inductance code
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
XXX
A
B
C
D
E
F
A
B
C
D
E
F
7.0±0.2
7.4±0.2
4.5±0.3
3.4
2.0±0.1
2.0±0.1
0.28±0.008
0.29±0.008
0.18±0.012
0.13
0.08±0.004
0.08±0.004
Size
mm
inches
PAD LAYOUT
2.2
2.4
3.3
2.4
Unit: mm


Similar Part No. - CTPCI7045F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTPCI6045F CT-CTPCI6045F Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 01.10.18
CTPCI6045F-100M CT-CTPCI6045F-100M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 01.10.18
CTPCI6045F-101M CT-CTPCI6045F-101M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 01.10.18
CTPCI6045F-150M CT-CTPCI6045F-150M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 01.10.18
CTPCI6045F-151M CT-CTPCI6045F-151M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 01.10.18
More results

Similar Description - CTPCI7045F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com