Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSFW1030F-R33M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSFW1030F-R33M
Description  Power Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSFW1030F-R33M Datasheet(HTML) 1 Page - Central Technologies

  CTSFW1030F-R33M Datasheet HTML 1Page - Central Technologies CTSFW1030F-R33M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.19.17
Power Inductors - Shielded
www.ctparts.com
CTSFW1030F
Series
From .20µH to 2.2µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 30%
**Irms: A rise in temperature of core surface is within 50°C
Inductance
DCR
Isat(A)
Irms(A)
Part
±20%
Nom.(Max.)
Drop
Rise
Number
(µH)
(mΩ)
≤30%
≤50
°C
CTSFW1030F-R20M
0.20
0.82(0.90)
50.00
22.00
CTSFW1030F-R33M
0.33
2.1(2.50)
36.00
18.00
CTSFW1030F-R56M
0.56
2.1(2.50)
33.00
18.00
CTSFW1030F-R68M
0.68
4.9(5.40)
21.00
14.00
CTSFW1030F-1R0M
1.00
4.9(5.40)
21.00
14.00
CTSFW1030F-1R2M
1.20
6.60(7.40)
15.00
12.00
CTSFW1030F-1R5M
1.50
6.60(7.40)
18.00
12.00
CTSFW1030F-2R2M
2.20
11.38(12.50)
15.00
9.00
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD flat wire high current power inductors
Features:
•
Magnetic shielded structure, excellent resistance to
electromagnetic interference
•
Flat wire winding, achieve a low DC resistance
•
Lightweight design, save space, suitable for high desnsity
SMT
Applications: Low loss, high efficiency, wide application
frequency, and application scope
Operating Temperature: -55°C to +150°C
Inductance Tolerance: ±20%
Testing: Inductance at 100kHz, 0.1V
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Side View
Bottom View
Top View
3.0±0.4
+0.2/-0
4.8±0 .5
2.5±0 .5
2.0±1.0
2.0±0.5
3.2±0 .3
10.2±0.5
10.5±1.0
10.2±0.5
Marking
Schematic
3.5
4.2
5.0
11.5
Unit: mm
Unit: mm


Similar Part No. - CTSFW1030F-R33M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSFW1040F CT-CTSFW1040F Datasheet
207Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW1040F-1R0M CT-CTSFW1040F-1R0M Datasheet
207Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW1040F-1R5M CT-CTSFW1040F-1R5M Datasheet
207Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW1040F-2R0M CT-CTSFW1040F-2R0M Datasheet
207Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW1040F-2R8M CT-CTSFW1040F-2R8M Datasheet
207Kb / 2P
Power Inductors - Shielded
REV 10.02.17
More results

Similar Description - CTSFW1030F-R33M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com