Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSFW1050F-R72M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSFW1050F-R72M
Description  Power Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSFW1050F-R72M Datasheet(HTML) 1 Page - Central Technologies

  CTSFW1050F-R72M Datasheet HTML 1Page - Central Technologies CTSFW1050F-R72M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.19.17
Power Inductors - Shielded
www.ctparts.com
CTSFW1050F
Series
From .16µH to 16µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 30%
**Irms: A rise in temperature of core surface is within 50°C
Inductance
DCR
Isat(A)
Irms(A)
Part
±20%
Nom.(Max.)
Drop
Rise
Number
(µH)
(mΩ)
≤30%
≤50
°C
CTSFW1050F-R16M
0.16
0.51(0.56)
58.00
25.00
CTSFW1050F-R40M
0.40
0.67(0.74)
37.00
24.00
CTSFW1050F-R72M
0.72
1.30(1.43)
35.00
22.00
CTSFW1050F-1R2M
1.20
1.80(1.98)
25.00
20.00
CTSFW1050F-1R8M
1.80
3.50(3.85)
18.00
16.00
CTSFW1050F-2R4M
2.40
4.75(5.23)
17.00
14.00
CTSFW1050F-3R3M
3.30
5.90(6.49)
15.00
12.00
CTSFW1050F-4R2M
4.20
7.10(7.81)
14.00
11.00
CTSFW1050F-5R5M
5.50
10.30(11.33)
12.00
10.00
CTSFW1050F-6R5M
6.50
12.50(13.75)
10.00
8.40
CTSFW1050F-7R8M
7.80
13.60(14.96)
9.50
8.00
CTSFW1050F-100M
10.00
16.30(17.93)
8.50
7.20
CTSFW1050F-160M
16.00
24.50(26.95)
6.50
5.00
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD flat wire high current power inductors
Features:
•
Magnetic shielded structure, excellent resistance to
electromagnetic interference
•
Flat wire winding, achieve a low DC resistance
•
Lightweight design, save space, suitable for high desnsity
SMT
Applications: Low loss, high efficiency, wide application
frequency, and application scope
Operating Temperature: -55°C to +150°C
Inductance Tolerance: ±20%
Testing: Inductance at 100kHz, 0.1V
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Side View
Top View
+0.2/-0
4.8±0.2
4.8±0. 5
2.5±0. 5
2.0±1. 0
2. 0±0.5
3.2±0.3
10.2±0.5
10.5±1.0
10. 2±0.5
Marking
Bottom View
Schematic
3.5
4.2
5.0
11.5
Unit: mm
Unit: mm


Similar Part No. - CTSFW1050F-R72M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSFW1030F CT-CTSFW1030F Datasheet
237Kb / 2P
Power Inductors - Shielded
REV 09.19.17
CTSFW1030F-1R0M CT-CTSFW1030F-1R0M Datasheet
237Kb / 2P
Power Inductors - Shielded
REV 09.19.17
CTSFW1030F-1R2M CT-CTSFW1030F-1R2M Datasheet
237Kb / 2P
Power Inductors - Shielded
REV 09.19.17
CTSFW1030F-1R5M CT-CTSFW1030F-1R5M Datasheet
237Kb / 2P
Power Inductors - Shielded
REV 09.19.17
CTSFW1030F-2R2M CT-CTSFW1030F-2R2M Datasheet
237Kb / 2P
Power Inductors - Shielded
REV 09.19.17
More results

Similar Description - CTSFW1050F-R72M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com