Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSFW1350F-R47M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSFW1350F-R47M
Description  Power Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSFW1350F-R47M Datasheet(HTML) 1 Page - Central Technologies

  CTSFW1350F-R47M Datasheet HTML 1Page - Central Technologies CTSFW1350F-R47M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.03.17
Power Inductors - Shielded
www.ctparts.com
CTSFW1350F
Series
From .19µH to 10µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 30%
**Irms: A rise in temperature of core surface is within 50°C
Inductance
DCR
Isat(A)
Irms(A)
Part
±20%
Nom.(Max.)
Drop
Rise
Number
(µH)
(mΩ)
≤30%
≤50
°C
CTSFW1350F-R19M
0.19
0.50(0.55)
60.00
29.00
CTSFW1350F-R47M
0.47
0.90(0.99)
50.00
26.00
CTSFW1350F-R90M
0.90
1.60(1.76)
28.00
24.00
CTSFW1350F-1R4M
1.40
2.40(2.64)
26.00
22.00
CTSFW1350F-2R3M
2.30
3.70((4.07)
17.00
17.50
CTSFW1350F-3R2M
3.20
5.30(5.83)
15.00
16.00
CTSFW1350F-4R8M
4.80
10.50(11.55)
13.00
11.00
CTSFW1350F-6R0M
6.00
13.50(14.85)
11.50
9.50
CTSFW1350F-8R2M
8.20
11.60(12.76)
11.00
10.00
CTSFW1350F-100M
10.00
14.10(15.51)
10.00
8.50
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD flat wire high current power inductors
Features:
•
Magnetic shielded structure, excellent resistance to
electromagntic interference
•
Flat wire winding, achieve a low DC resistance
•
Lightweight design, save space, suitable for high density
SMT
•
Applications: Low loss, high efficiency, wide application
frequency, and application scope
Operating Temperature: -55°C to +150°C
Inductance Tolerance: ±20%
Testing: Inductance at 100kHz, 0.1V
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Side View
Bottom View
Top View
3.3±0.3
3. 0±1.0
2. 5±0.5
6. 0±0.5
12.8±0.3
13.5 Max
12.8±0.3
Marking
5.0±0.4
+0.2/-0
Schematic
4.0
5.0
5.5
14.0
Unit: mm
Unit: mm


Similar Part No. - CTSFW1350F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSFW1335F CT-CTSFW1335F Datasheet
214Kb / 2P
Power Inductors - Shielded
REV 10.03.17
CTSFW1335F-1R2M CT-CTSFW1335F-1R2M Datasheet
214Kb / 2P
Power Inductors - Shielded
REV 10.03.17
CTSFW1335F-1R8M CT-CTSFW1335F-1R8M Datasheet
214Kb / 2P
Power Inductors - Shielded
REV 10.03.17
CTSFW1335F-2R2M CT-CTSFW1335F-2R2M Datasheet
214Kb / 2P
Power Inductors - Shielded
REV 10.03.17
CTSFW1335F-3R3M CT-CTSFW1335F-3R3M Datasheet
214Kb / 2P
Power Inductors - Shielded
REV 10.03.17
More results

Similar Description - CTSFW1350F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com