Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSFW1365F-R20M Datasheet(PDF) 2 Page - Central Technologies

Part # CTSFW1365F-R20M
Description  Power Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSFW1365F-R20M Datasheet(HTML) 2 Page - Central Technologies

  CTSFW1365F-R20M Datasheet HTML 1Page - Central Technologies CTSFW1365F-R20M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.03.17
Power Inductors - Shielded
www.ctparts.com
Typical Inductance vs Current Characteristics
Typical Temperature Rise vs Current Characteristics
330
220
180 150 130 110
9R2
6R0
7R3
4R7
3R7 2R8
2R0 1R3 R82 R47 R20
0
5
10
15
20
25
30
35
40
Current (A)
330
220 180
150 130
110 9R2
7R3
6R0
4R7 3R7
2R8
2R0
1R3
R82
R47
R20
0
1
10
100
0.1 1.0 3.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 20.0 22.0 23.0 25.0 27.0 30.0 32.0 35.0 50.0 65.0
Current (A)
0.1
1.0
3.0 5.0 6.0
7.0
8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 20.0 22.0 23.0 25.0 27.0 30.0 32.0
CTSFW1365F Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com