Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSFW7030F-R13M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSFW7030F-R13M
Description  Power Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSFW7030F-R13M Datasheet(HTML) 1 Page - Central Technologies

  CTSFW7030F-R13M Datasheet HTML 1Page - Central Technologies CTSFW7030F-R13M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.02.17
Power Inductors - Shielded
www.ctparts.com
CTSFW7030F
Series
From .13µH to 2.0µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 30%
**Irms: A rise in temperature of core surface is within 50°C
Inductance
DCR
*Isat(A)
**Irms(A)
Part
±20%
Nom.(Max.)
Drop
Rise
Number
(µH)
(mΩ)
≤30%
≤50
°C
CTSFW7030F-R13M
0.13
0.91(1.00)
48.0
22.0
CTSFW7030F-R22M
0.22
1.80(1.98)
40.0
18.0
CTSFW7030F-R52M
0.52
3.70(4.07)
20.0
14.0
CTSFW7030F-R95M
0.95
6.20(6.82)
13.0
11.0
CTSFW7030F-1R2M
1.20
8.60(9.46)
13.0
8.5
CTSFW7030F-1R5M
1.50
12.70(13.97)
12.0
7.5
CTSFW7030F-2R0M
2.00
14.20(15.62)
9.0
6.5
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD flat wire high current power inductors
Features:
•
Magnetic shielded structure, excellent resistance to
electromagnetic interference
•
Flat wire winding, achieve a low DC resistance
•
Lightweight design, save space, suitable for high desnsity
SMT
Applications: Low loss, high efficiency, wide application
frequency, and application scope
Operating Temperature: -55°C to +150°C
Inductance Tolerance: ±20%
Testing: Inductance at 100kHz, 0.1V
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Bottom View
Side View
Top View
2.2±0.3
1.5±0.3
1.2±0.4
1.0±0 .3
1.5±0.3
6.7±0.3
7.4 Max
6.7±0.3
Marking
+0.2/-0
3.0±0.4
Schematic
1.8
2.2
2.0
6.0
Unit: mm
Unit: mm


Similar Part No. - CTSFW7030F-R13M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSFW7040F CT-CTSFW7040F Datasheet
178Kb / 2P
Power Inductors - Shielded
REV 10.09.17
CTSFW7040F-1R0M CT-CTSFW7040F-1R0M Datasheet
178Kb / 2P
Power Inductors - Shielded
REV 10.09.17
CTSFW7040F-1R5M CT-CTSFW7040F-1R5M Datasheet
178Kb / 2P
Power Inductors - Shielded
REV 10.09.17
CTSFW7040F-2R2M CT-CTSFW7040F-2R2M Datasheet
178Kb / 2P
Power Inductors - Shielded
REV 10.09.17
CTSFW7040F-3R3M CT-CTSFW7040F-3R3M Datasheet
178Kb / 2P
Power Inductors - Shielded
REV 10.09.17
More results

Similar Description - CTSFW7030F-R13M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com