Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSFW7050F-R76M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSFW7050F-R76M
Description  Power Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSFW7050F-R76M Datasheet(HTML) 1 Page - Central Technologies

  CTSFW7050F-R76M Datasheet HTML 1Page - Central Technologies CTSFW7050F-R76M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.02.17
Power Inductors - Shielded
www.ctparts.com
CTSFW7050F
Series
From .24µH to 10µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 30%
**Irms: A rise in temperature of core surface is within 50°C
Inductance
DCR
Isat(A)
Irms(A)
Part
±20%
Nom.(Max.)
Drop
Rise
Number
(µH)
(mΩ)
≤30%
≤50
°C
CTSFW7050F-R24M
0.24
1.00(1.10)
28.00
20.00
CTSFW7050F-R47M
0.47
1.35(1.49)
20.00
18.00
CTSFW7050F-R76M
0.76
2.25(2.48)
15.00
15.50
CTSFW7050F-1R1M
1.10
3.15(3.47)
13.00
15.00
CTSFW7050F-1R5M
1.50
4.30(4.73)
11.00
13.00
CTSFW7050F-2R2M
2.20
5.85(6.44)
9.00
11.50
CTSFW7050F-3R3M
3.30
9.00(9.90)
8.00
9.00
CTSFW7050F-4R9M
4.90
14.50(15.95)
6.50
6.50
CTSFW7050F-6R5M
6.50
21.50(23.65)
6.00
6.00
CTSFW7050F-7R6M
7.60
28.20(31.02)
4.80
4.20
CTSFW7050F-8R5M
8.50
30.50(33.55)
4.50
4.00
CTSFW7050F-100M
10.00
33.00(36.30)
4.00
3.50
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD flat wire high current power inductors
Features:
•
Magnetic shielded structure, excellent resistance to
electromagnetic interference
•
Flat wire winding, achieve a low DC resistance
•
Lightweight design, save space, suitable for high desnsity
SMT
Applications: Low loss, high efficiency, wide application
frequency, and application scope
Operating Temperature: -55°C to +150°C
Inductance Tolerance: ±20%
Testing: Inductance at 100kHz, 0.1V
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Side View
Bottom View
Top View
5.0±0.4
+0.2/-0
2.2 ±0.3
1.5 ±0.3
1.2 ±0.4
1.0 ±0.3
1.5±0.3
6.7±0.3
7.4 Max
6.7±0.3
Marking
Schematic
1.8
2.2
2.0
6.0
Unit: mm
Unit: mm


Similar Part No. - CTSFW7050F-R76M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSFW7030F CT-CTSFW7030F Datasheet
248Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW7030F-1R2M CT-CTSFW7030F-1R2M Datasheet
248Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW7030F-1R5M CT-CTSFW7030F-1R5M Datasheet
248Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW7030F-2R0M CT-CTSFW7030F-2R0M Datasheet
248Kb / 2P
Power Inductors - Shielded
REV 10.02.17
CTSFW7030F-R13M CT-CTSFW7030F-R13M Datasheet
248Kb / 2P
Power Inductors - Shielded
REV 10.02.17
More results

Similar Description - CTSFW7050F-R76M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com