Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSB-4411CD-PNA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RSB-4411CD-PNA1E
Description  NXP ARM짰 Cortex짰-A9 i.MX6 3.5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RSB-4411CD-PNA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RSB-4411CD-PNA1E Datasheet HTML 1Page - Advantech Co., Ltd. RSB-4411CD-PNA1E Datasheet HTML 2Page - Advantech Co., Ltd. RSB-4411CD-PNA1E Datasheet HTML 3Page - Advantech Co., Ltd. RSB-4411CD-PNA1E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
RSB-4411
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
VGA
LVDS
LAN
Serial Port
SATA
USB
Host
System
Bus
SD
CAN
Bus
Operating
Temperature
RSB-4411CD-PNA1E
NXP i.MX6 Dual-core, 1 GHz
1 GB
4 GB
1
1
1
1
1 x 4-wire RSB-232/422/485
2 x 2-wire RSB-232
1
5
_
1
2
0 ~ 60 °C
RSB-4411CQ-PNA1E
NXP i.MX6 Quad-core, 1 GHz
1 GB
4 GB
1
1
1
1
1 x 4-wire RSB-232/422/485
2 x 2-wire RSB-232
1
5
_
1
2
0 ~ 60 °C
RSB-4411WD-ONA1E NXP i.MX6 Dual-core 800MHz
1GB
4GB
1
1
1
1
1 x 4-wire RSB-232/422/485
2 x 2-wire RSB-232
1
5
-
1
2
-40~85 °C
RSB-4411WQ-ONA1E NXP i.MX6 Quad-core 800MHz 1GB
4GB
1
1
1
1
1 x 4-wire RSB-232/422/485
2 x 2-wire RSB-232
1
5
-
1
2
-40~85 °C
Packing List
Part Number
Description
RSB-4411
RSB-4411 3.5" SBC
Optional Accessories
Part Number
Description
96PSA-A36W12R1-3
Adapter 100-240 36W 12V 3A 9NA0362308
1700008921
Power Cord 3P PSE 183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
170203183C
Power cord 3P Europe (WS-010+WS-083) 183 cm
170203180A
Power cord 3P UK 2.5A/3A 250 V 1.83 M
1700001524
Power cord 3P UL 10A 125 V 180 cm
1700021565-01
Debug cable
1700018730
USB cable
1700026878-01
Mic-in cable
1700026879-01
Line-out cable
1700026880-01
CAN bus cable
1700026881-01
RS-232 cable
SQF-ISDM1-8G-21C
SQF SDHC C10 UHS-I MLC 8G, 1CH (-25~85°C)
EWM-W169M201E
M.2 2230 SDIO bus WiFi5/BT5.0 combo module
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750008303-01
Antenna AN0727-64SP6BSM
1750006264
Antenna SMA(F)/MHF 15cm SMALFN8-3150A-00X00R
1750008799-01
Cable Ant.SMA/F-R-BH MFH4/113 BLK L170
* Please contact us to get suitable cellular module for your region.
Dimensions
Unit: mm
4-Ø3.20
Ø6.40
2-
Ø6
2-
Ø3
0
20.50
56.75
98.70
102
54.81
27.20
92.70
34.05
39.14
80.86
DC-in
RS-232/422/485 HDMI
OTG
VGA
Ethernet USB
UART
1 GB DDR3
4 GB eMMC
4 MB SPI NOR
GbE Transceiver
RGMII
SDIO
LVDS
RJ45 Conn.
SD Socket
HDMI
HDMI Conn.
SATA
USB 0/1
USB 2/3/4
SATA Conn.
USB Conn.
Pin Header
TTL
VGA Conn.
I2C
SDIO
PCI-e
USB 6
WDT
RTC
LVDS Conn.
MIPI CSI
B2B Conn.
USB OTG
Mini USB
GPIO x 20
I2C x 2
SPI x 1
CAN x 2
UART x 2
USB 5
USB
RS-232 Transceiver
i.MX6
M.2 Conn.
Mini PCle
Connector
USB Hub
TTL to VGA
Converter
RS-232/422/485
Transceiver
UART
RS-232 Transceiver
DB9 Conn.
Console Conn.
I2S
Mic-In
Line-out
Pin Header
Pin Header
Audio DAC
External I/O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com