Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPS024 Datasheet(PDF) 14 Page - Texas Instruments

Part # DLPS024
Description  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPS024 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPS024 Datasheet HTML 10Page - Texas Instruments DLPS024 Datasheet HTML 11Page - Texas Instruments DLPS024 Datasheet HTML 12Page - Texas Instruments DLPS024 Datasheet HTML 13Page - Texas Instruments DLPS024 Datasheet HTML 14Page - Texas Instruments DLPS024 Datasheet HTML 15Page - Texas Instruments DLPS024 Datasheet HTML 16Page - Texas Instruments DLPS024 Datasheet HTML 17Page - Texas Instruments DLPS024 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
the decoupling capacitor (no via) if the trace length is less than 0.1 inch. Otherwise, the component must be
tied to the voltage or ground plane through separate vias.
• The trace lengths of the voltage and ground connections for decoupling capacitors and components must be
less than 0.1 inch to minimize inductance.
• The trace width of the power and ground connection to decoupling capacitors and components must be as
wide as possible to minimize inductance.
• Connecting decoupling capacitors to ground and power planes through multiple vias can reduce inductance
and improve noise performance. Via sharing between components (discreet or integrated) is discouraged.
• Decoupling performance can be improved by utilizing low ESR and low ESL capacitors.
10.1.6 Layout Example
Please refer to the DLPLCRC410EVM Design files for an example of how to layout the DLPR410 Configuration
PROM.
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com