Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
8.3 Feature Description
8.3.1 Gain-Setting Function
Figure 8-1 shows that the gain of the INA823 is set by a single external resistor (RG) connected between the RG
pins (pins 1 and 8).
+
–
+
–
+
–
50 k
50 k
50 k
50 k
50 k
50 k
Overvoltage
Protection
RG
REF
+VS
VS
OUT
+VS
VS
IN
+IN
RG
RG
RL
+
–
VCM
VIN / 2
VIN / 2
+
+
Overvoltage
Protection
Figure 8-1. Simplified Diagram of the INA823 With Gain and Output Equations
The gain of the INA823 can be calculated with Equation 1:
G = 1+100 kΩRG
(1)
The value of the external gain resistor RG is then derived from the gain equation:
RG = 100 kΩG − 1 
(2)
Table 8-1 lists several commonly used gains and resistor values. The 100-kΩ term in Equation 1 is a result of the
sum of the two internal 50-kΩ feedback resistors. These on-chip resistors are laser-trimmed to accurate absolute
values. The accuracy and temperature coefficients of these resistors are included in the gain accuracy and drift
specifications of the Section 7.5. As shown in Figure 8-1 and explained in more details in Section 11, make sure
to connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground that are placed as
close to the device as possible.
Table 8-1. Commonly Used Gains and Resistor Values
DESIRED GAIN
NEAREST 1% RG (Ω)
CALCULATED GAIN ERROR (%)
1
Not connected
Not connected
2
100 k
0
5
24.9 k
2
10
11 k
0.9
20
5.23 k
0.6
33
3.09 k
1.09
50
2.05 k
0.44
65
1.58 k
1.09
100
1.02 k
0.96
200
499
0.7
500
200
0.2
1000
100
0.1
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com