Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO6720 Datasheet(PDF) 34 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6720 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ISO6720_V02 Datasheet HTML 30Page - Texas Instruments ISO6720_V02 Datasheet HTML 31Page - Texas Instruments ISO6720_V02 Datasheet HTML 32Page - Texas Instruments ISO6720_V02 Datasheet HTML 33Page - Texas Instruments ISO6720_V02 Datasheet HTML 34Page - Texas Instruments ISO6720_V02 Datasheet HTML 35Page - Texas Instruments ISO6720_V02 Datasheet HTML 36Page - Texas Instruments ISO6720_V02 Datasheet HTML 37Page - Texas Instruments ISO6720_V02 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
11.2 Layout Example
2 mm
maximum
from VCC2
Solid ground islands help
dissipate heat through PCB
Solid supply islands reduce
inductance because large peak
currents flow into the VCC pin
1
2
3
4
8
7
6
5
VCC2
GND1
VCC1
GND2
0.1 …F
2 mm
maximum
from VCC1
0.1 …F
Figure 11-1. Layout Example
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this
space free
from planes,
traces, pads,
and vias
Ground plane
Power plane
Low-speed traces
High-speed traces
Figure 11-2. Four Layer Board Layout Example
ISO6720, ISO6721, ISO6721R
SLLSFJ0D – JANUARY 2020 – REVISED SEPTEMBER 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com