Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA186A2IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 17Page - Texas Instruments INA186A2IDDFR Datasheet HTML 18Page - Texas Instruments INA186A2IDDFR Datasheet HTML 19Page - Texas Instruments INA186A2IDDFR Datasheet HTML 20Page - Texas Instruments INA186A2IDDFR Datasheet HTML 21Page - Texas Instruments INA186A2IDDFR Datasheet HTML 22Page - Texas Instruments INA186A2IDDFR Datasheet HTML 23Page - Texas Instruments INA186A2IDDFR Datasheet HTML 24Page - Texas Instruments INA186A2IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
As the voltage drop across the sense resistor (VSENSE) increases, the amount of voltage dropped across the
input filter resistors (RF) also increases. The increased voltage drop results in additional gain error. The error
caused by these resistors is calculated by the resistor divider equation shown in Equation 5.
DIFF
SENSE
DIFF
F
R
Error(%)
1
100
R
R
2 R
§
·
u
¨
¸
¨
¸
u
©
¹
(5)
where:
• RDIFF is the differential input impedance.
• RF is the added value of the series filter resistance.
The input stage of the INA186 uses a capacitive feedback amplifier topology in order to achieve high dc
precision. As a result, periodic high-frequency shunt voltage (or current) transients of significant amplitude (10
mV or greater) and duration (hundreds of nanoseconds or greater) may be amplified by the INA186, even
though the transients are greater than the device bandwidth. Use a differential input filter in these applications to
minimize disturbances at the INA186 output.
The high input impedance and low bias current of the INA186 provide flexibility in the input filter design without
impacting the accuracy of current measurement. For example, set RF = 100 Ω and CF = 22 nF to achieve
a low-pass filter corner frequency of 36.2 kHz. These filter values significantly attenuate most unwanted high-
frequency signals at the input without severely impacting the current sensing bandwidth or precision. If a lower
corner frequency is desired, increase the value of CF.
Filtering the input filters out differential noise across the sense resistor. If high-frequency, common-mode noise
is a concern, add an RC filter from the OUT pin to ground. The RC filter helps filter out both differential and
common mode noise, as well as internally generated noise from the device. The value for the resistance of the
RC filter is limited by the impedance of the load. Any current drawn by the load manifests as an external voltage
drop from the INA186 OUT pin to the load input. To select the optimal values for the output filter, use Output
Impedance vs. Frequency and see the Closed-Loop Analysis of Load-Induced Amplifier Stability Issues Using
ZOUT application report
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com